ADM823SYRJZ-R7
AI

## Overview of the ADM823SYRJZ-R7
The **ADM823SYRJZ-R7** is a precision supervisory circuit manufactured by **Analog Devices**. It is designed to monitor power supply voltage levels and code execution integrity in microprocessor-based systems.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Microprocessor Supervisory Circuit |
| **Threshold Voltage ($V_{TH}$)** | 2.93V (Typical) |
| **Supply Voltage Range** | 1.0V to 5.5V |
| **Reset Timeout Period** | 140 ms (Minimum) |
| **Watchdog Timeout** | 1.6 sec (Typical) |
| **Output Type** | Push-Pull, Active-Low Reset |
| **Package / Case** | SOT-23-5 |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Functional Blocks
This component integrates several critical safety functions into a single small-footprint package:
* **Voltage Monitor:** It continuously checks the $V_{CC}$ input. If the voltage falls below the preset threshold (2.93V for the 'S' variant), the device asserts a RESET signal to prevent the processor from operating under unstable power conditions.
* **Watchdog Timer (WDI):** This feature ensures software integrity. The microprocessor must "pet" or toggle the WDI pin within a specific window (1.6 seconds). If the software freezes and fails to toggle the pin, the ADM823 triggers a hardware reset.
* **Manual Reset (MR) Input:** Allows for an external push-button or logic signal to force a system reset independently of the voltage or watchdog status.
* **Power-On Reset (POR):** Ensures that the microprocessor starts in a known state by holding the reset line active for at least 140ms after power reaches the threshold.
---
### 3. Pin Configuration (SOT-23-5)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **$\overline{RESET}$** | Active-Low output; stays low if $V_{CC}$ is below threshold or if WDI times out. |
| 2 | **GND** | Ground reference. |
| 3 | **$\overline{MR}$** | Manual Reset input (active-low). |
| 4 | **WDI** | Watchdog Input; must be toggled to prevent reset. |
| 5 | **$V_{CC}$** | Power supply input and monitored voltage. |
---
### 4. Typical Application Circuit
```c
// Conceptual Logic for Microcontroller Interaction
while (true) {
Perform_System_Tasks();
// Toggle WDI Pin to prevent ADM823 from resetting the CPU
Trigger_Watchdog_Pin();
// If the loop hangs here, the ADM823 will
// force a hardware reset after 1.6 seconds.
}
```
---
### 5. Part Number Breakdown
* **ADM823**: Series identifier (Supervisory circuit with Watchdog and MR).
* **S**: Threshold Voltage code (2.93V).
* **Y**: Temperature range (-40°C to +125°C).
* **RJ**: Package code (SOT-23).
* **Z**: RoHS compliant (Lead-free).
* **R7**: 7-inch reel packaging (3,000 pieces).
- ⤷What is the difference between the ADM823 and ADM824 models?
- ⤷ Can the watchdog timer be disabled in this specific model?
- ⤷ What are the common alternatives if a lower threshold voltage is required?