công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADM7172ACPZ-2.5-R7

  • AI
    ## ADM7172ACPZ-2.5-R7: Ultra-Low Noise LDO Regulator The **ADM7172ACPZ-2.5-R7** is a high-performance, CMOS linear regulator (LDO) designed by Analog Devices. It is specifically engineered for high-speed analog and mixed-signal circuits that require extremely clean power with high output current. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage** | Fixed 2.5V | | **Input Voltage Range** | 2.3V to 6.5V | | **Maximum Output Current** | 2 Amps (2A) | | **Output Noise** | 5 μV rms (typical, 10 Hz to 100 kHz) | | **PSRR (Power Supply Rejection Ratio)** | 70 dB at 1 kHz; 45 dB at 1 MHz | | **Dropout Voltage** | 170 mV (typical at 2A load) | | **Package** | 8-lead LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Core Functional Components The internal architecture of the ADM7172 includes several critical electronic stages: 1. **Precision Reference:** An ultra-low noise internal reference that dictates the accuracy and stability of the 2.5V output. 2. **Error Amplifier:** Constantly compares the feedback from the output to the reference voltage to maintain regulation. 3. **PMOS Pass Transistor:** The "muscle" of the IC that allows up to 2A of current to flow while maintaining a low dropout voltage. 4. **Soft Start Circuitry:** Controls the ramp-up of the output voltage to prevent inrush current during startup. 5. **Protection Blocks:** Includes thermal overload protection and current-limit circuitry to prevent damage during fault conditions. --- ### 3. Application Use Cases Due to its high current capability and exceptionally low noise, this part is commonly used in: * **ADC/DAC Powering:** Providing clean rails for high-resolution converters. * **RF Transceivers:** Minimizing phase noise in oscillators and frequency synthesizers. * **Medical Imaging:** Ensuring signal integrity in sensitive diagnostic equipment. * **FPGA/DSP Power:** High-current supply for noise-sensitive digital cores. --- ### 4. PCB Design Considerations To achieve the datasheet performance, specific layout rules must be followed: ```c // Design Best Practices: 1. Use 4.7 µF (or greater) low ESR ceramic capacitors for Input and Output. 2. Place capacitors as close to the VIN/VOUT and GND pins as possible. 3. Utilize the thermal pad on the bottom of the LFCSP package; it must be soldered to a ground plane to dissipate heat. 4. Minimize trace inductance on the high-current paths. ```
    ✨ Follow-up Questions
    • ⤷ What are the differences between the fixed 2.5V version and the adjustable version of the ADM7172?
    • ⤷ How does the PSRR of this LDO impact high-frequency switching noise from a DC-DC converter?
    • ⤷ What are the recommended thermal management strategies for the 8-lead LFCSP package at 2A load?