công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADM7151ARDZ-02-R7

  • AI
    The **ADM7151ARDZ-02-R7** is a high-performance, ultra-low noise linear regulator (LDO) manufactured by Analog Devices. It is specifically designed to provide clean power to noise-sensitive precision analog circuits. --- ### 1. Key Technical Specifications The "02" in the part number indicates a specific fixed or adjustable output range configuration. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4.5 V to 16 V | | **Output Current** | Up to 800 mA | | **Output Voltage (Fixed/Adj)** | Adjustable (1.5V to 5.1V via external resistors) | | **PSRR (Power Supply Rejection Ratio)** | >90 dB (1 kHz to 100 kHz); >60 dB (up to 1 MHz) | | **RMS Noise** | 1.0 µV rms (10 Hz to 100 kHz) | | **Package** | 8-Lead SOIC_N_EP (with Exposed Pad) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Description The ADM7151 utilizes a proprietary architecture that allows it to achieve high PSRR and low noise without requiring an external filter for the output. #### Core Components & Pins: * **VOUT (Output):** Supplies up to 800 mA. It requires a small 10 µF ceramic capacitor for stability. * **VIN (Input):** The supply voltage. * **EN (Enable):** Logic high turns on the regulator; logic low puts it into a low-current shutdown mode. * **REF/VREG:** Internal reference pins that usually require bypass capacitors (typically 1 µF to 10 µF) to achieve the ultra-low noise performance. * **Exposed Pad (EP):** Crucial for thermal management; it must be soldered to the PCB ground plane to dissipate heat. --- ### 3. Application Areas Because of its extremely low noise floor, this LDO is commonly used in: 1. **Phase-Locked Loops (PLLs) and VCOs:** To prevent phase noise degradation. 2. **ADC/DAC Powering:** To maintain the dynamic range of high-speed converters. 3. **RF Circuits:** Powering mixers, amplifiers, and synthesizers. 4. **Medical Imaging:** High-precision signal chains where power supply noise can artifacts. --- ### 4. Part Number Breakdown The suffix code provides information on the packaging and quantity: | Suffix | Meaning | | :--- | :--- | | **ADM7151** | Base Model Number | | **ARDZ** | Package Type (SOIC_N with Exposed Pad, RoHS compliant) | | **02** | Voltage Option/Configuration code | | **R7** | 7-inch reel (Tape and Reel packaging, usually 1,000 units) | --- ### 5. Implementation Example (Simplified) To set the output voltage, an external resistor divider is used on the feedback pin: ```python # Theoretical VOUT Calculation # VOUT = VREF * (1 + R1 / R2) # Where VREF is typically 1.2V for this architecture. R1 = 10000 # 10k Ohms R2 = 3240 # 3.24k Ohms V_ref = 1.2 V_out = V_ref * (1 + (R1 / R2)) print(f"Calculated Vout: {round(V_out, 2)}V") ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADM7151 and the ADM7150?
    • ⤷ What are the specific capacitor requirements for the BYP and VREG pins?
    • ⤷ How does the exposed pad affect the thermal resistance of the SOIC-8 package?