công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADM7151ACPZ-04-R7

  • AI
    ## ADM7151ACPZ-04-R7: Technical Overview The **ADM7151ACPZ-04-R7** is a high-performance, ultra-low noise, linear low dropout (LDO) regulator manufactured by **Analog Devices**. It is specifically designed for high-performance analog and mixed-signal circuits that require extremely clean power supplies. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage (Fixed)** | 0.4 V (Base) - Adjustable up to 15V via external resistors | | **Input Voltage Range** | 4.5 V to 16 V | | **Maximum Output Current** | 800 mA | | **Dropout Voltage** | 600 mV (typical at 800 mA) | | **PSRR (Power Supply Rejection Ratio)** | >90 dB from 1 kHz to 100 kHz; >60 dB at 1 MHz | | **Output Noise** | 1.0 µV rms (100 Hz to 100 kHz) | | **Package Type** | 8-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Components The internal architecture of the ADM7151 is designed to minimize noise and maximize stability. Key parts include: 1. **Precision Reference:** An ultra-low noise internal reference voltage that forms the basis for the output accuracy. 2. **Error Amplifier:** High-gain amplifier that compares the feedback voltage with the reference to maintain a steady output. 3. **Pass Transistor:** A PMOS pass element that handles the current flow from input to output. 4. **Soft Start Circuitry:** Reduces inrush current during startup to protect sensitive downstream components. 5. **Protection Features:** Includes Thermal Shutdown (TSD) and Overcurrent Protection (OCP). --- ### 3. Application Use Cases Due to its exceptionally low noise floor, this part is commonly used in: * **RF and Microwave Circuits:** Powering VCOs (Voltage Controlled Oscillators) and PLLs (Phase Locked Loops). * **High-Speed ADCs/DACs:** Ensuring signal integrity in data conversion. * **Precision Instrumentation:** Powering low-level sensors and signal conditioning circuits. * **Communications Infrastructure:** Base stations and optical modules. --- ### 4. Implementation Example (Basic Circuit) The following pseudo-code structure represents the typical hardware implementation logic for the feedback loop: ```c /* Typical Output Voltage Calculation: Vout = Vreg * (1 + R1 / R2) Where Vreg is the 1.2V reference voltage */ // Example resistor values for a 5.0V output: float V_REF = 1.2; float R1 = 31.6e3; // 31.6 kOhm float R2 = 10.0e3; // 10.0 kOhm float V_OUT = V_REF * (1 + (R1 / R2)); // Result is approx 4.992V ```
    ✨ Follow-up Questions
    • ⤷ What are the layout considerations for the LFCSP package to ensure optimal thermal performance?
    • ⤷ How does the ADM7151 compare to the ADM7150 in terms of noise performance?
    • ⤷ Can this regulator be used in parallel to increase the output current capacity?