ADM7150ARDZ-3.0-R7
AI

The **ADM7150ARDZ-3.0-R7** is a high-performance, ultra-low noise linear regulator (LDO) produced by Analog Devices. It is specifically engineered for noise-sensitive applications where power supply purity is critical.
---
## 1. Key Technical Specifications
Below are the primary electrical characteristics of the ADM7150ARDZ-3.0-R7:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.0 V (Fixed) |
| **Input Voltage Range** | 4.5 V to 16 V |
| **Maximum Output Current** | 800 mA |
| **Output Noise** | 1.0 μV rms (100 Hz to 100 kHz) |
| **PSRR (Power Supply Rejection Ratio)** | >90 dB (1 kHz to 100 kHz); 60 dB at 1 MHz |
| **Dropout Voltage** | 600 mV (typical at 800 mA) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | 8-Lead SOIC_N_EP (Exposed Pad) |
---
## 2. Core Features and Functionality
### Ultra-Low Noise Performance
The standout feature of this LDO is its output noise density of **1.6 nV/√Hz** above 10 kHz. This makes it ideal for powering sensitive analog-to-digital converters (ADCs), digital-to-analog converters (DACs), and precision oscillators where phase noise must be minimized.
### High PSRR
The high Power Supply Rejection Ratio (PSRR) allows the device to effectively "clean" the ripple coming from upstream switching power supplies, ensuring the downstream components receive a steady, clean DC signal.
### The "R7" Suffix & Packaging
- **ARDZ**: Indicates the 8-lead SOIC package with an exposed pad for enhanced thermal dissipation.
- **-3.0**: Indicates the fixed 3.0V output.
- **-R7**: Refers to the "7-inch Reel" packaging format, typically containing 1,000 units, optimized for automated pick-and-place assembly.
---
## 3. Pin Configuration Overview
The 8-lead SOIC package utilizes an exposed pad (EP) which must be soldered to the PCB ground plane to manage heat at high currents.
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | VREG | Regulated input for the internal control circuitry. |
| 2 | VIN | Main input supply voltage. |
| 3 | VOUT | Regulated 3.0V output. |
| 4 | BYP | Bypass capacitor connection for noise reduction. |
| 5 | EN | Enable input (Logic High turns the device ON). |
| 6 | REF | Reference voltage output/filter point. |
| 7 | REF_SENS | Reference sense input. |
| 8 | GND | Ground. |
---
## 4. Typical Application Areas
* **RF and Microwave:** Powering VCOs, PLLs, and mixers.
* **Medical Instrumentation:** Low-noise imaging and diagnostic tools.
* **Communications:** High-speed data converters and base station infrastructure.
* **Precision Analog:** Instrumentation amplifiers and high-resolution sensors.
- ⤷
What is the recommended capacitor value for the BYP and VOUT pins to achieve optimal noise performance?
- ⤷ How does the exposed pad (EP) affect the thermal design of the PCB?
- ⤷ Can this LDO be used for applications requiring a 5V output instead of 3.0V?