ADM6348-46ARTZ-R7
AI

## ADM6348-46ARTZ-R7: Technical Overview
The **ADM6348-46ARTZ-R7** is a precision voltage monitoring device manufactured by **Analog Devices**. It is primarily used as a microprocessor supervisory circuit to monitor power supply voltage levels and provide a reset signal to a system's processor when the voltage falls below a specific threshold.
### Key Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Part Number** | ADM6348-46ARTZ-R7 |
| **Manufacturer** | Analog Devices |
| **Threshold Voltage** | 4.63V (Typical) |
| **Reset Type** | Active-Low, Open-Drain |
| **Timeout Period** | 100 ms (Minimum) |
| **Supply Current** | 1 µA (Typical) - Ultra-low power |
| **Package** | SOT-23-3 |
| **Temperature Range** | -40°C to +85°C |
---
### Functional Components & Operation
1. **Voltage Detector:** The IC contains a high-accuracy comparator that constantly monitors the $V_{CC}$ pin against an internal reference voltage.
2. **Reset Generator:** If $V_{CC}$ drops below the factory-set threshold (4.63V), the **RESET** output is asserted (driven low).
3. **Delay Timer:** Once $V_{CC}$ rises back above the threshold, the device holds the reset signal for a "timeout period" (approx. 100ms to 150ms). This ensures the power supply has stabilized before the processor begins execution.
4. **Open-Drain Output:** The output is open-drain, meaning it requires an external pull-up resistor to the desired logic voltage level. This allows for level shifting if the processor operates at a different voltage than the monitor.
### Typical Application Circuit
```mermaid
graph LR
VCC((VCC 5V)) -->|Pin 3| IC[ADM6348]
IC -->|Pin 2| GND[GND]
VCC -->|Pull-up Resistor| ResetLine[Reset Line]
IC -->|Pin 1 / RESET| ResetLine
ResetLine --> MCU[Microprocessor Reset Pin]
```
---
### Applications
* **Microprocessor Systems:** Ensuring clean startups and preventing code execution during brownout conditions.
* **Intelligent Instruments:** Protecting data integrity during power fluctuations.
* **Portable Equipment:** Due to its ultra-low current consumption (1µA), it is ideal for battery-operated devices.
* **Automotive Systems:** Monitoring stable power rails for sensors and controllers.
- ⤷What is the difference between an open-drain reset and a push-pull reset output?
- ⤷ Can this IC be used for 3.3V logic systems?
- ⤷ How do I calculate the pull-up resistor value for the RESET pin?