ADM6346-44ARTZ-R7
AI

The **ADM6346-44ARTZ-R7** is a low-power, ultra-low voltage microprocessor supervisory circuit manufactured by **Analog Devices**. It is primarily used to monitor power supply levels in digital systems and initiate a reset during power-up, power-down, or brownout conditions.
---
### ## Technical Specifications
The following table highlights the core electrical characteristics of this specific variant:
| Parameter | Specification |
| :--- | :--- |
| **Threshold Voltage ($V_{TH}$)** | 4.38V (Nominal) |
| **Supply Current ($I_{CC}$)** | 0.7 $\mu$A (Typical) |
| **Output Type** | Active-Low, Open-Drain |
| **Reset Timeout Period** | 100 ms (Minimum) |
| **Operating Temperature** | -40°C to +85°C |
| **Package / Case** | 3-Lead SOT-23 |
| **Mounting Type** | Surface Mount |
---
### ## Key Features
1. **Ultra-Low Power Consumption:** With a typical current draw of only **700 nA**, this part is ideal for battery-operated devices where power conservation is critical.
2. **Precision Monitoring:** It is designed to monitor a 4.5V or 5V supply rail (the "44" in the part number denotes a 4.38V threshold).
3. **Open-Drain Output:** The active-low reset output ($\overline{RESET}$) requires an external pull-up resistor. This allows the device to interface with different logic voltage levels (Level Shifting).
4. **Glitch Immunity:** The device is engineered to ignore fast transients on the $V_{CC}$ line, preventing nuisance resets.
---
### ## Pin Configuration
The device uses a standard 3-pin SOT-23 layout:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **GND** | Ground reference. |
| 2 | **$\overline{RESET}$** | Active-low output. Remains low while $V_{CC}$ is below threshold and for the duration of the reset timeout. |
| 3 | **$V_{CC}$** | Power supply input and monitored voltage. |
---
### ## Typical Application Circuit
The ADM6346 is commonly placed between a power source and a Microcontroller (MCU).
```mermaid
graph LR
VCC[+5V Supply] -->|Pin 3| IC[ADM6346]
VCC -->|Pull-up Resistor| R[R1]
R -->|Pin 2| IC
IC -->|Reset Signal| MCU[Microcontroller Reset Pin]
GND[Ground] --- IC
```
---
### ## Decoding the Part Number
* **ADM6346:** Base Model (Low power reset circuit).
* **44:** Threshold voltage code (4.38V).
* **ARTZ:** Package code (SOT-23) and RoHS compliance (Z).
* **R7:** Packaging format (7-inch Tape and Reel, 3000 pieces).
- ⤷
What is the significance of the 100ms reset timeout for microcontrollers?
- ⤷ Can this device be used with a 3.3V power supply rail?
- ⤷ What size pull-up resistor is typically recommended for the open-drain output?