ADM6346-38ARTZ-R7
AI

## Overview of ADM6346-38ARTZ-R7
The **ADM6346-38ARTZ-R7** is a high-precision, low-power **Microprocessor Supervisory Circuit** (Voltage Detector) manufactured by Analog Devices. Its primary function is to monitor power supply levels in digital systems and initiate a reset signal if the voltage falls below a predefined threshold.
---
### Core Specifications
The following table summarizes the key technical parameters of the ADM6346-38ARTZ-R7:
| Parameter | Value / Specification |
| :--- | :--- |
| **Threshold Voltage ($V_{TH}$)** | 3.80V (Typical) |
| **Supply Current ($I_{CC}$)** | 1.0 $\mu$A (Ultra-low power) |
| **Output Type** | Open-Drain, Active-Low ($\overline{RESET}$) |
| **Reset Timeout Period** | 100 ms (Minimum) |
| **Operating Voltage Range** | 1.0V to 5.5V |
| **Package Type** | SOT-23-3 |
| **Operating Temperature** | -40°C to +85°C |
---
### Functional Components & Pinout
The device is physically simple, typically consisting of three pins:
1. **VCC**: The input power supply being monitored.
2. **GND**: Ground reference.
3. **$\overline{RESET}$**: The output signal. Since it is **Open-Drain**, it requires an external pull-up resistor to the desired logic voltage level.
#### How it works:
* **Monitoring**: The IC continuously compares the voltage at the $V_{CC}$ pin to an internal reference.
* **Triggering**: If $V_{CC}$ drops below the 3.8V threshold, the $\overline{RESET}$ output is pulled Low.
* **Recovery**: Once $V_{CC}$ rises back above the threshold, the $\overline{RESET}$ stays Low for a "timeout period" (approx. 100ms) to ensure the system clock stabilizes before the CPU starts.
---
### Key Features and Applications
#### Features
* **Ultra-Low Power Consumption**: Consuming only 1 $\mu$A, it is ideal for battery-operated handheld devices.
* **Immunity to Transients**: It is designed to ignore fast, short-duration glitches on the $V_{CC}$ line to prevent "nuisance" resets.
* **No External Components**: Aside from the pull-up resistor for the open-drain output, it requires no external capacitors or resistors to set the timing.
#### Common Applications
* **Microprocessor Systems**: Preventing code execution errors during power-up or brown-out conditions.
* **Portable/Battery Equipment**: Monitoring Li-Ion or Alkyline battery levels.
* **Intelligent Instruments**: Ensuring reliable system resets in industrial environments.
---
### Comparison with Push-Pull Variants
| Feature | ADM6346 (Open-Drain) | ADM6348 (Push-Pull) |
| :--- | :--- | :--- |
| **Output Stage** | Requires Pull-up resistor | No resistor needed |
| **Voltage Level** | Can interface with different logic levels | Tied to $V_{CC}$ |
| **Wired-OR Capability** | Yes (Multiple resets can share a line) | No |
- ⤷What is the significance of the 100ms reset timeout period in this IC?
- ⤷ Can this part be used for 3.3V logic systems despite the 3.8V threshold?
- ⤷ How does an open-drain output differ from a push-pull output in supervisory circuits?