công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADM6316AY29ARJZ-R7

  • AI
    The **ADM6316AY29ARJZ-R7** is a high-reliability supervisory circuit (reset IC) manufactured by Analog Devices. It is designed to monitor power supply voltage levels in microprocessor-based systems. --- ### 1. Key Technical Specifications The part number itself provides a breakdown of its primary functional characteristics: | Feature | Specification | | :--- | :--- | | **Reset Threshold** | 2.93V (Typical) | | **Watchdog Timeout** | 1.6 seconds (Typical) | | **Reset Timeout Delay** | 140 ms (Minimum) | | **Output Type** | Push-Pull, Active Low (RESET) | | **Supply Current** | 7 µA (Typical) | | **Operating Temperature** | -40°C to +85°C | | **Package** | 5-Lead SOT-23 | --- ### 2. Core Functional Components This IC combines several critical electronic functions into a single small-form-factor package: #### A. Voltage Monitor (Reset Generator) The device constantly monitors the $V_{CC}$ pin. If the voltage drops below the **2.93V threshold**, the `RESET` output transitions to logic low. This prevents the microprocessor from executing code during unstable power conditions (Brownout protection). #### B. Watchdog Timer (WDI) The "AY" version includes a Watchdog Input. The microprocessor must periodically "pet" the watchdog by toggling the WDI pin. If the software freezes and fails to toggle the pin within **1.6 seconds**, the IC triggers a system reset to recover the processor. #### C. Manual Reset (MR) It features a debounced manual reset input. This allows a physical pushbutton or external logic signal to force a system reset regardless of voltage levels. --- ### 3. Pin Configuration The SOT-23 package layout is typically organized as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **RESET** | Output signal that resets the MCU (Active Low). | | 2 | **GND** | Ground reference. | | 3 | **MR** | Manual Reset input (Active Low). | | 4 | **WDI** | Watchdog Input; requires a transition to clear the timer. | | 5 | **Vcc** | Power supply input and monitored voltage. | --- ### 4. Typical Applications * **Microprocessor Systems:** Ensuring clean startups and preventing lockups. * **Embedded Controllers:** Automotive, industrial, and medical equipment. * **Critical Systems:** Applications where manual intervention is difficult and auto-recovery is required via the Watchdog timer. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the 'AY' and 'CY' variants of this IC?
    • ⤷ How do I calculate the pull-up resistor value for the MR pin?
    • ⤷ Can this IC monitor a 5V rail instead of 3.3V?