AI

## ADM4853 Electronic Component Overview
The **ADM4853** is a low-power, differential line transceiver designed for high-speed, half-duplex RS-485 and RS-422 communication. It is manufactured by Analog Devices and is widely used in industrial and telecommunications applications.
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Communication Protocol** | RS-485 / RS-422 |
| **Data Rate** | Up to 10 Mbps |
| **Duplex Mode** | Half-Duplex |
| **Supply Voltage ($V_{CC}$)** | 4.75 V to 5.25 V |
| **Number of Drivers/Receivers** | 1 Driver, 1 Receiver |
| **Receiver Input Impedance** | 1/8 unit load (up to 256 nodes) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Blocks
The ADM4853 consists of several internal sections that manage the conversion between logic-level signals and differential line signals:
1. **Driver (Transmitter):** Converts a single-ended TTL/CMOS logic signal (DI) into a differential signal (A and B). It features short-circuit protection and thermal shutdown.
2. **Receiver:** Converts differential signals from the bus back into logic-level signals (RO). It features a fail-safe design, ensuring a high logic output if inputs are open or shorted.
3. **Enable Logic:**
* **RE (Receiver Enable):** Active LOW.
* **DE (Driver Enable):** Active HIGH.
* These can be tied together to allow "Direction Control" from a single microcontroller pin.
---
### 3. Pin Configuration (8-Lead SOIC/MSOP)
| Pin No. | Mnemonic | Function |
| :--- | :--- | :--- |
| 1 | **RO** | Receiver Output |
| 2 | **RE** | Receiver Enable (Active Low) |
| 3 | **DE** | Driver Enable (Active High) |
| 4 | **DI** | Driver Input |
| 5 | **GND** | Ground |
| 6 | **A** | Non-Inverting Driver Output/Receiver Input |
| 7 | **B** | Inverting Driver Output/Receiver Input |
| 8 | **VCC** | Power Supply (5V) |
---
### 4. Distinctive Features
* **High Speed:** Unlike some RS-485 transceivers limited to 250 kbps (slew-rate limited), the ADM4853 supports **10 Mbps**, making it suitable for high-speed data backbone applications.
* **Low Power:** It utilizes a BiCMOS process, which minimizes static power consumption while maintaining high drive capability.
* **Reduced Loading:** Because it has a "1/8 unit load" input impedance, you can connect up to **256 transceivers** on a single bus line, compared to the standard 32.
### 5. Common Applications
* Industrial Control Networks (Modbus, Profibus).
* Level Translators.
* Building Automation systems (HVAC, Lighting).
* Packet Switching and Telecommunications infrastructure.
- ⤷What is the difference between half-duplex and full-duplex RS-485 transceivers?
- ⤷ How does the fail-safe feature in the ADM4853 receiver work?
- ⤷ What is the recommended termination resistance for a 10 Mbps RS-485 bus?