công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADM3066EARMZ-R7

  • AI
    ## Technical Overview: ADM3066EARMZ-R7 The **ADM3066EARMZ-R7** is a high-performance RS-485 transceiver manufactured by **Analog Devices**. It is specifically designed for robust communication in harsh industrial environments, offering high ESD protection and high-speed data rates. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Protocol** | RS-485 / RS-422 | | **Data Rate** | Up to 50 Mbps | | **Supply Voltage** | 3.0 V to 5.5 V | | **ESD Protection** | ±12 kV (IEC 61000-4-2) Contact Discharge | | **Node Support** | Up to 128 nodes on the bus | | **Temperature Range** | -40°C to +125°C | | **Package Type** | MSOP-8 (ARMZ suffix) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Features and Functionality * **High Speed:** Supporting up to 50 Mbps, it is ideal for high-speed motor control and backplane logic. * **VIO Logic Pin:** This specific model includes a $V_{IO}$ supply pin, allowing the digital interface (TXD, RXD, etc.) to operate at a different voltage (down to 1.62 V) than the main bus supply. * **Full Fail-safe:** The receiver features a fail-safe design that ensures a logic high output when the inputs are open, shorted, or idle. * **Enhanced Robustness:** It offers level 4 IEC ESD protection, making it resistant to voltage spikes commonly found in industrial settings. --- ### 3. Pinout Configuration (MSOP-8) | Pin No. | Mnemonic | Description | | :--- | :--- | :--- | | 1 | **RO** | Receiver Output | | 2 | **RE** | Receiver Enable (Active Low) | | 3 | **DE** | Driver Enable (Active High) | | 4 | **DI** | Driver Input (Transmit Data) | | 5 | **GND** | Ground | | 6 | **A** | Non-Inverting Receiver Input / Driver Output | | 7 | **B** | Inverting Receiver Input / Driver Output | | 8 | **Vcc/Vio** | Power Supply / Logic Interface Level | --- ### 4. Typical Applications * **Industrial Automation:** Process control circuits and PLC communication. * **Motor Control:** Feedback loops requiring high-speed data transmission. * **Building Automation:** HVAC systems and security networks. * **Utility Networks:** Smart meters and power monitoring.
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADM3066 and the ADM3065 models?
    • ⤷ How does the VIO pin assist in interfacing with 1.8V microcontrollers?
    • ⤷ What are the recommended termination resistors for a 50 Mbps RS-485 bus?