công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADM1275-1ACPZ-R7

  • AI
    The **ADM1275-1ACPZ-R7** is a high-performance, hot-swap controller and digital power monitor manufactured by Analog Devices. It is designed to manage and monitor power supplies in high-availability systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2 V to 20 V | | **Interface** | PMBus / I2C | | **Package** | 20-lead LFCSP (4mm x 4mm) | | **ADC Resolution** | 12-bit | | **Protection** | Overcurrent, Overvoltage, Short Circuit | | **Operating Temp** | -40°C to +85°C | --- ### 2. Core Functional Components The device integrates several critical electronic functions into a single chip: 1. **Hot-Swap Controller**: Controls an external N-channel MOSFET to safely allow a circuit board to be inserted or removed from a live backplane. 2. **Current Sense Amplifier**: Measures current by monitoring the voltage drop across an external sense resistor. 3. **12-Bit ADC**: Converts analog measurements (current and voltage) into digital data for system monitoring. 4. **Programmable Soft Start**: Limits the inrush current during power-up by gradually increasing the gate voltage of the MOSFET. 5. **Digital Power Monitoring**: Calculates real-time power consumption and energy usage, reporting it via the PMBus. --- ### 3. Pinout and Integration Example The ADM1275 uses a compact LFCSP package. Below is a conceptual representation of how it connects within a circuit: ```c /* Power Path Integration Logic */ [V_IN] ----> [Sense Resistor] ----> [MOSFET (Controlled by ADM1275)] ----> [V_OUT] | | [SENSE+/SENSE-] [GATE PIN] | | [ ADM1275-1ACPZ-R7 Internal Logic ] | | [SDA/SCL Pins] <----> [Microcontroller/BMC] ``` ### 4. Applications * **Servers and Data Centers**: Monitoring power on line cards. * **Telecommunications**: Managing 12V backplanes. * **Industrial Systems**: Providing overcurrent protection for sensitive modules. * **Storage Area Networks (SAN)**: Hot-swapping hard drives or controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADM1275 and the ADM1278?
    • ⤷ How do you program the overcurrent limits via PMBus?
    • ⤷ What external MOSFETs are recommended for a 12V/20A application using this chip?