ADM1025ARQZ-R7
AI

### ADM1025ARQZ-R7: Technical Overview
The **ADM1025ARQZ-R7** is a specialized System Hardware Monitor designed primarily for use in Personal Computers, Servers, and Embedded Systems. It is manufactured by **Analog Devices (onsemi)** and serves as an integrated solution for monitoring thermal conditions and power supply voltages.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Function** | Voltage and Temperature Monitor |
| **Voltage Supply** | 3.0V to 5.5V |
| **Interface** | SMBus (2-Wire Serial) |
| **Monitoring Inputs** | 5 Voltage Channels + 2 Temperature Channels |
| **Temperature Range** | -40°C to +125°C |
| **Package Type** | QSOP-16 |
| **ADC Resolution** | 8-Bit |
---
### 2. Core Functional Components
The chip integrates several electronic blocks into a single 16-pin package to ensure system stability:
#### A. Voltage Monitoring
It features five dedicated analog input channels. These are typically used to monitor standard PC power rails:
* +2.5V
* +3.3V
* +5V
* +12V
* Vccp (Processor Core Voltage)
#### B. Temperature Sensing
* **Internal Sensor:** An on-chip digitized sensor monitors the ambient temperature of the board where the chip is mounted.
* **External Sensor:** It supports one remote thermal diode (usually found inside a CPU or GPU) to monitor high-heat components directly.
#### C. Analog-to-Digital Converter (ADC)
The device uses an 8-bit ADC to convert analog voltage and temperature readings into digital data that can be read by the system's BIOS or OS via the SMBus.
#### D. Limit Comparison & Interrupts
Engineers can program "High" and "Low" limits into the registers. If a voltage or temperature exceeds these limits, the chip triggers an **INT# (Interrupt)** signal to alert the processor, preventing hardware damage.
---
### 3. Pinout Configuration (QSOP-16)
| Pin | Name | Description |
| :--- | :--- | :--- |
| 1-5 | V1 - V5 | Voltage Monitoring Inputs |
| 6 | D1+ | Remote Temperature Diode Positive Input |
| 7 | D1- | Remote Temperature Diode Negative Input |
| 11 | SDA | SMBus Data Line |
| 12 | SCL | SMBus Clock Line |
| 13 | INT# | Interrupt Output (Active Low) |
| 16 | Vcc | Power Supply |
---
### 4. Applications
* **Desktop & Notebook PCs:** Monitoring motherboard health.
* **Servers:** Ensuring power redundant supplies and cooling systems are within spec.
* **Industrial Controllers:** Protecting sensitive circuitry from thermal runaway.
- ⤷
How does the SMBus interface facilitate communication with the host processor?
- ⤷ What are the specific advantages of using a QSOP-16 package for this device?
- ⤷ How do you program the alarm thresholds for the voltage monitoring pins?