ADL5910ACPZN-R7
AI

# Overview of ADL5910ACPZN-R7
The **ADL5910ACPZN-R7** is a high-performance **Radio Frequency (RF) Detector** manufactured by Analog Devices. It is specifically designed for high-frequency applications requiring accurate power measurement and envelope detection.
---
## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | RF Detector / Envelope Detector |
| **Frequency Range** | 0.01 GHz to 6 GHz |
| **Dynamic Range** | 30 dB |
| **Supply Voltage** | 3.0V to 3.6V |
| **Current Consumption** | ~3.5 mA (Operating) |
| **Response Time** | 45 ns (Fast Rise/Fall Time) |
| **Package Type** | 16-Lead LFCSP (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Core Functional Components
The internal architecture of the ADL5910 is optimized for two primary modes of operation:
### A. Envelope Detection
The device can track the instantaneous envelope of a modulated RF signal. Because of its high bandwidth and fast response time, it is ideal for detecting the peaks of complex signals (like LTE or Wi-Fi).
### B. Threshold Detection (TruPwr™ Technology)
The ADL5910 includes a **Programmable Threshold**. If the input RF power exceeds a user-defined voltage level (set via the `VSET` pin), the `Q` output switches state. This makes it an excellent choice for **Power Monitoring** and **Over-Power Protection**.
### C. Temperature Compensation
It features internal temperature sensing circuitry that ensures the output voltage remains stable across the entire operating temperature range, reducing the need for external calibration.
---
## 3. Pin Configuration Highlights
| Pin Name | Description |
| :--- | :--- |
| **RFIN** | The RF input pin (typically AC coupled). |
| **VSET** | Input pin to set the detection threshold voltage. |
| **VOUT** | The analog output voltage proportional to the RF envelope. |
| **Q / Q_BAR** | Digital outputs that indicate if the signal is above/below the threshold. |
| **VPOS** | Positive Supply (3.3V nominal). |
---
## 4. Typical Applications
* **RF Pulse Detection:** Used in radar or wireless communication to identify the start/end of pulses.
* **PA Protection:** Integrated into Power Amplifier (PA) modules to trigger a shutdown if power levels become dangerous.
* **Envelope Tracking:** Helping to improve the efficiency of power amplifiers by tracking signal peaks.
* **TSSI (Transmit Signal Strength Indicator):** General power measurement in radio transmitters.
---
## 5. Circuit Implementation Example
To implement the ADL5910, the following basic connections are usually required:
```c
// Typical Connection Logic
1. RFIN: Connect to RF source via a 100pF coupling capacitor.
2. VSET: Connect to a DAC or voltage divider to set the "Trip" level.
3. VOUT: Connect to an ADC for power level measurement.
4. Q Output: Connect to a Microcontroller GPIO to monitor power status.
```
---
- ⤷
What is the difference between envelope detection and RMS detection in RF parts?
- ⤷ How do you calculate the threshold voltage for the VSET pin?
- ⤷ Are there recommended PCB layout practices for the 16-Lead LFCSP package?