công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADL5726ACPZN-R7

  • AI
    ## Overview of the ADL5726ACPZN-R7 The **ADL5726ACPZN-R7** is a high-performance, fixed-gain, differential amplifier (LNA) designed specifically for microwave and high-frequency signal chains. It is manufactured by Analog Devices and is commonly used in satellite communications, radar, and broadband applications. --- ### Key Specifications Below are the primary technical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Fixed Gain Differential Amplifier / LNA | | **Frequency Range** | 17.7 GHz to 19.7 GHz (Optimized for Ka-band) | | **Gain** | 24 dB (Fixed) | | **Noise Figure** | ~3.5 dB | | **Input/Output Impedance** | 100 $\Omega$ Differential | | **Supply Voltage** | 3.3 V | | **Supply Current** | ~85 mA | | **Package** | 8-Lead LFCSP (2mm x 2mm) | --- ### Internal Functional Blocks The ADL5726 consists of several internal stages to ensure stability and signal integrity: 1. **Input Matching Network:** Optimized for 100 $\Omega$ differential impedance, reducing the need for external components. 2. **Gain Stages:** Multi-stage transistor architecture providing a consistent 24 dB gain across the specified bandwidth. 3. **Active Bias Circuitry:** Maintains constant performance over temperature and supply voltage fluctuations. 4. **ESD Protection:** Internal diodes protect the sensitive RF gates from electrostatic discharge during handling. --- ### Pin Configuration | Pin # | Mnemonic | Description | | :--- | :--- | :--- | | 1 | RFIN+ | Positive RF Input | | 2 | RFIN- | Negative RF Input | | 3, 6, 7 | GND | Ground connections | | 4 | RFOUT- | Negative RF Output | | 5 | RFOUT+ | Positive RF Output | | 8 | VCC | 3.3V Power Supply | --- ### Design Considerations When integrating the ADL5726 into a PCB design, keep the following in mind: * **Thermal Management:** Despite the small 2mm x 2mm footprint, it dissipates approximately 280mW. Ensure the exposed center pad (EPAD) is soldered to a solid ground plane with thermal vias. * **Decoupling:** Use high-frequency ceramic capacitors (e.g., 10pF and 0.1μF) as close to the VCC pin as possible to minimize noise. * **Differential Traces:** Maintain strictly symmetrical trace lengths for the RFIN and RFOUT pairs to prevent phase mismatch and common-mode noise. --- ### Typical Applications * **Ka-Band Satellite Earth Stations:** Signal boosting for downlink receivers. * **Point-to-Point Microwave Links:** Used in high-capacity backhaul systems. * **Phased Array Antennas:** Ideal for compact front-end modules due to its small size.
    ✨ Follow-up Questions
    • ⤷ What are the specific benefits of using a differential amplifier like the ADL5726 over a single-ended one?
    • ⤷ How does the noise figure of 3.5 dB impact the total system link budget in Ka-band applications?
    • ⤷ Are there recommended external components for DC-blocking on the RF input/output lines?