công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADL5567ACPZN-R7

  • AI
    The **ADL5567ACPZN-R7** is a high-performance, dual-channel differential amplifier designed primarily for driving high-speed Analog-to-Digital Converters (ADCs). It is manufactured by Analog Devices and is optimized for IF (Intermediate Frequency) and DC-coupled applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the ADL5567: | Parameter | Specification | | :--- | :--- | | **Type** | Differential Amplifier (Dual Channel) | | **Gain** | 20 dB (Fixed) | | **Bandwidth (-3 dB)** | 4.3 GHz | | **OIP3** | 46 dBm at 200 MHz | | **Noise Figure** | 11 dB at 200 MHz | | **Supply Voltage** | 3.3 V to 5.25 V | | **Supply Current** | 176 mA total (88 mA per channel) | | **Package** | 24-lead LFCSP (4mm x 4mm) | --- ### 2. Functional Description The ADL5567 serves as a "bridge" between the RF signal chain and the ADC. Its main functions include: * **Differential Amplification:** It takes either a single-ended or differential input and provides a balanced differential output, which is essential for minimizing noise in high-speed data converters. * **Impedance Matching:** It provides a stable input impedance (typically 200 $\Omega$) and a low output impedance to drive the capacitive loads of modern ADCs. * **Level Shifting:** It allows for DC coupling by adjusting the output common-mode voltage to match the ADC's input requirements. --- ### 3. Application Areas The device is utilized in high-speed signal processing environments: 1. **Wireless Infrastructure:** Used in 4G/5G base stations for digital pre-distortion (DPD) and receiver paths. 2. **Instrumentation:** High-end oscilloscopes and spectrum analyzers. 3. **Military/Aerospace:** Radar and secure communication systems requiring wide bandwidth. 4. **Medical Imaging:** High-speed data acquisition for ultrasound or MRI systems. --- ### 4. Circuit Example (Basic Connection) To use the ADL5567, external AC-coupling capacitors or DC-biasing resistors are typically used. ```c // Conceptual Signal Flow [Input Signal] --> [DC Block/Filter] --> [ADL5567 (20dB Gain)] --> [ADC] ^ | [VCOM Reference] ``` --- ### 5. Packaging and Suffix Meanings * **ADL5567:** Part number series. * **ACPZ:** Lead-frame chip scale package (LFCSP), RoHs compliant. * **N:** Indicates the lead finish/type. * **R7:** Denotes a 7-inch tape and reel (usually containing 1,500 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADL5567 and the ADL5566?
    • ⤷ How do you calculate the power dissipation for this IC at 5V?
    • ⤷ What external components are required to set the common-mode voltage?