công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADL5544ARKZ-R7

  • AI
    ## ADL5544ARKZ-R7: Electronic Component Overview The **ADL5544ARKZ-R7** is a high-performance, broadband linear amplifier designed by Analog Devices. It belongs to the category of **RF Gain Blocks**, specifically optimized for high linearity and low noise across a wide frequency range. --- ### Technical Specifications The following table summarizes the key electrical characteristics of the ADL5544ARKZ-R7: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Frequency Range** | 30 to 6000 | MHz | | **Gain (at 900 MHz)** | 17.4 | dB | | **Output P1dB** | 17.6 | dBm | | **Output IP3** | 34.9 | dBm | | **Noise Figure** | 2.9 | dB | | **Operating Voltage** | 5.0 | V | | **Supply Current** | 55 | mA | | **Package Type** | SOT-89 (3-lead) | - | --- ### Core Functional Features 1. **Broadband Performance:** Its ability to operate from 30 MHz to 6 GHz makes it versatile for multiple RF standards (LTE, Wi-Fi, ISM). 2. **Internal Matching:** The device is internally matched to **50 Ω**. This significantly reduces the need for external tuning components, simplifying the PCB layout. 3. **High Linearity:** With a high Output IP3 (Third-Order Intercept Point), it minimizes signal distortion, which is critical for complex modulation schemes. 4. **InGaP HBT Technology:** It is fabricated using Indium Gallium Phosphide Heterojunction Bipolar Transistor technology, providing high thermal stability and reliability. --- ### Pin Configuration and Application The device is housed in an industry-standard **SOT-89** package, which is designed for efficient heat dissipation. | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | RFIN | RF Input (requires a DC blocking capacitor) | | 2 | GND | Ground connection | | 3 | RFOUT/VCC | RF Output and DC Power Supply (via an inductor/choke) | ### Common Applications * **Wireless Infrastructure:** Used in cellular base stations as a driver amplifier. * **General Purpose RF:** Ideal for buffer stages and gain blocks in radio transceivers. * **Instrumentation:** Signal amplification in test and measurement equipment. * **CATV:** Broad frequency range allows for use in cable television distribution. ---
    ✨ Follow-up Questions
    • ⤷ How does the noise figure of the ADL5544 compare to other RF amplifiers in the 5-6 GHz range?
    • ⤷ What are the recommended external components for the bias tee at the RFOUT pin?
    • ⤷ Can this amplifier be used in battery-powered applications requiring power-down modes?