công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADL5536ARKZ-R7

  • AI
    ## ADL5536ARKZ-R7: High-Linearity IF Gain Block The **ADL5536ARKZ-R7** is a high-performance, GaAs (Gallium Arsenide), pseudomorphic high electron mobility transistor (pHEMT), internally matched, general-purpose RF/IF gain block amplifier produced by **Analog Devices**. ### 1. Key Specifications Below are the primary technical parameters for the ADL5536: | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 20 MHz to 1.0 GHz | | **Gain** | 19.8 dB at 190 MHz | | **OIP3 (Output IP3)** | 45 dBm at 190 MHz | | **P1dB (Output Compression)** | 19.6 dBm at 190 MHz | | **Noise Figure** | 2.6 dB at 190 MHz | | **Supply Voltage** | 5 V | | **Supply Current** | 100 mA | | **Package** | 8-Lead SOT-89 | --- ### 2. Functional Characteristics The device is designed for ease of use and high reliability in demanding RF environments. * **Internal Matching:** The device is internally matched to 50 $\Omega$. This significantly simplifies the PCB design because it eliminates the need for complex external impedance matching components. * **High Linearity:** With an OIP3 of +45 dBm, it provides excellent distortion performance, which is critical for maintaining signal integrity in multi-carrier systems. * **Integrated Bias:** It features an internal active bias circuit, making the device stable against temperature fluctuations and process variations. * **Process Technology:** Built on a GaAs pHEMT process, it offers a superior balance between low noise and high output power. --- ### 3. Application Areas The ADL5536 is commonly found in the following systems: 1. **Cellular Base Stations:** Used in the IF (Intermediate Frequency) stages of GSM, W-CDMA, and LTE receivers/transmitters. 2. **CATV Infrastructure:** Suitable for cable television distribution equipment due to its flat gain and low distortion. 3. **ISM Band Receivers:** Ideal for industrial, scientific, and medical radio applications requiring high sensitivity. 4. **General Purpose Wireless:** Any system requiring a stable 20 dB gain block with low noise. --- ### 4. Typical Application Circuit To operate the ADL5536, only a few external components are required (mostly DC blocking capacitors and an inductor for the supply feed). ```mermaid graph LR Input[RF IN] --> C1(DC Block Cap) C1 --> ADL(ADL5536) ADL --> C2(DC Block Cap) C2 --> Output[RF OUT] VCC(5V Supply) --> L1(RF Choke Inductor) L1 --> ADL ``` --- ### 5. Part Number Breakdown * **ADL5536:** The core model number. * **ARKZ:** Indicates the package type (SOT-89) and RoHS compliance. * **R7:** Indicates the tape and reel packaging size (7-inch reel, typically 1,000 pieces).
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the external DC blocking capacitors?
    • ⤷ How does the gain of the ADL5536 vary as the frequency approaches 1 GHz?
    • ⤷ What are the thermal management requirements for the SOT-89 package in this device?