công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADL5530ACPZ-R7

  • AI
    ## ADL5530ACPZ-R7: Technical Overview The **ADL5530ACPZ-R7** is a high-performance, broadband **Intermediate Frequency (IF) Gain Block Amplifier** manufactured by Analog Devices. It is designed for use in a wide variety of wired and wireless applications, offering high linearity and low noise across a broad range of frequencies. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 0 MHz to 1000 MHz (1 GHz) | | **Gain (at 190 MHz)** | 16.5 dB | | **Output P1dB** | 21.8 dBm | | **OIP3 (Output IP3)** | 37 dBm | | **Noise Figure** | 3 dB | | **Supply Voltage** | 3V to 5V | | **Supply Current** | 76 mA to 110 mA | | **Package Type** | 8-Lead LFCSP (3mm x 3mm) | --- ### 2. Functional Features * **Internal Matching:** The device is internally matched to **50 Ω**, which simplifies the design process by reducing the need for external impedance-matching components. * **High Linearity:** With an OIP3 of 37 dBm, it handles high-density signals with minimal distortion, making it ideal for communication standards like CDMA or W-CDMA. * **Broadband Performance:** While optimized for IF frequencies, its performance remains stable up to 1 GHz. * **Stability:** It is unconditionally stable over its specified temperature and frequency ranges. --- ### 3. Pin Configuration & Application The ADL5530 is housed in a small 8-lead LFCSP (Lead Frame Chip Scale Package). #### Typical Application Circuit Requirements: 1. **Input/Output DC Blocking:** Since the RF ports are internally biased, external DC blocking capacitors are required on both RFIN and RFOUT pins. 2. **RF Choke (Inductor):** An external inductor is required at the RFOUT/VCC pin to provide DC bias to the internal transistor while preventing RF energy from leaking into the power supply. 3. **Decoupling:** Standard power supply decoupling (typically 100 pF and 0.1 µF capacitors) is necessary to ensure low-noise operation. #### Common Applications: * Cellular Base Stations (GSM, W-CDMA, LTE) * CATV/Broadband infrastructure * RF/IF Instrumentation * Military and Aerospace communication systems --- ### 4. Part Number Breakdown (Suffixes) * **ADL5530:** The base part number for the IF Gain Block. * **ACPZ:** Indicates a Lead-frame Chip Scale Package (LFCSP) that is RoHS compliant (Z). * **R7:** Indicates the packaging format, specifically a **7-inch Tape and Reel** (typically containing 1,500 units).
    ✨ Follow-up Questions
    • ⤷What are the recommended values for the external RF choke and DC blocking capacitors for a 190 MHz application?
    • ⤷ How does the gain of the ADL5530 vary across its full 1 GHz frequency range?
    • ⤷ What are the primary thermal considerations when designing a PCB for the LFCSP-8 package?