AI

## Technical Overview of ADL5511ACPZ-R7
The **ADL5511ACPZ-R7** is a high-performance integrated circuit manufactured by Analog Devices. It is specifically designed as an **Envelope Detector** and a **TruPwr™ RMS Detector**. It is widely used in high-frequency communication systems to monitor signal power and modulation envelopes.
---
### Core Specifications
The following table summarizes the key electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Envelope & RMS Power Detector |
| **Frequency Range** | DC to 6 GHz |
| **Dynamic Range** | Up to 40 dB |
| **Supply Voltage** | 3.0 V to 5.5 V |
| **Operating Current** | ~22 mA |
| **Package Type** | 16-lead LFCSP (3mm x 3mm) |
| **Operating Temp** | -40°C to +125°C |
---
### Key Electronic Features
1. **Dual Output Capability**:
* **VENV (Envelope Output):** Provides a voltage proportional to the instantaneous envelope of the input RF signal. This is critical for applications like Envelope Tracking (ET) where the power supply of an amplifier must track the signal.
* **VRMS (RMS Output):** Provides a DC voltage proportional to the Root Mean Square (RMS) power of the input signal, regardless of the modulation type (e.g., QAM, OFDM).
2. **Wide Bandwidth**:
With a range from DC to 6 GHz, it covers all major cellular bands (LTE, 5G NR), Wi-Fi, and proprietary ISM bands.
3. **High Linearity**:
The device maintains a linear-in-volts response for the envelope output and a linear-in-dB response (internally converted) for the RMS output, ensuring accuracy in power measurement.
4. **Temperature Stability**:
It features excellent stability over its full operating temperature range, reducing the need for external calibration in rugged environments.
---
### Typical Pin Configuration
| Pin | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | RFIN | RF Input Signal |
| 5 | VPOS | Positive Supply Voltage (3V - 5.5V) |
| 11 | VRMS | RMS Power Detector Output |
| 12 | VENV | Envelope Detector Output |
| 16 | EREFT | Envelope Reference Voltage |
| EP | Exposed Pad | Ground (Must be soldered to PCB ground) |
---
### Common Applications
* **Envelope Tracking (ET):** Optimizing the efficiency of Power Amplifiers (PA).
* **PA Linearization:** Used in feedback loops for Digital Pre-Distortion (DPD).
* **RMS Power Measurement:** Accurate power monitoring in base stations and point-to-point radio links.
* **Transmitter Signal Strength Indication (TSSI):** Real-time monitoring of outgoing signal strength.
---
### Implementation Example (Simplified)
```python
# Conceptual logic for calculating Output Power from VRMS
# Vout = Slope * (Pin - Intercept)
def calculate_rf_power(v_rms_measured, slope, intercept):
"""
Calculates the input RF power based on the measured RMS voltage.
Slope and Intercept are found in the ADL5511 datasheet.
"""
rf_power_dbm = (v_rms_measured / slope) + intercept
return rf_power_dbm
# Example values
measured_v = 1.2 # Volts from VRMS pin
current_slope = 0.03 # Volts/dB (example value)
intercept_val = -35 # dBm (example value)
print(f"Calculated Power: {calculate_rf_power(measured_v, current_slope, intercept_val)} dBm")
```
- ⤷
What is the difference between an envelope detector and an RMS detector in this chip?
- ⤷ How do I calculate the external capacitor values for the VRMS filtering?
- ⤷ Can the ADL5511 handle input signals higher than 6 GHz with reduced performance?