ADL5385ACPZ-R7
AI

The **ADL5385ACPZ-R7** is a high-performance, wideband quadrature modulator designed by Analog Devices. It is primarily used to convert baseband or intermediate frequency (IF) signals directly to radio frequency (RF).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **RF Frequency Range** | 30 MHz to 2200 MHz |
| **Output P1dB** | 11 dBm @ 900 MHz |
| **Noise Floor** | -159 dBm/Hz |
| **Power Supply** | 4.75 V to 5.25 V |
| **Package Type** | 24-Lead LFCSP (Lead Frame Chip Scale Package) |
| **Current Consumption** | ~200 mA |
---
### 2. Functional Electronic Components
The ADL5385 consists of several internal sub-circuits that work together to perform IQ modulation:
1. **Quadrature Phase Splitter:**
Uses a proprietary polyphase filter to split the incoming Local Oscillator (LO) signal into two components that are 90° out of phase ($I$ and $Q$).
2. **Double-Balanced Mixers:**
Two mixers combine the baseband input signals with the quadrature LO signals. This "double-balanced" architecture suppresses the carrier and provides high linearity.
3. **Summing Amplifier:**
Combines the outputs of the $I$ and $Q$ mixers into a single-ended RF output.
4. **Bias Circuitry:**
Internal voltage references ensure stable operation across temperature ranges.
---
### 3. Application Circuitry Requirements
To integrate this part into a PCB design, the following external electronic considerations are necessary:
#### Input/Output Matching
* **LO Input:** Should be driven differentially or single-ended with a balun for optimal performance. It requires a typical power level of 0 dBm.
* **Baseband Inputs:** These are DC-coupled. A common-mode voltage ($V_{COM}$) of approximately **0.5V** is required for proper biasing of the internal mixers.
* **RF Output:** 50 $\Omega$ characteristic impedance.
#### Power Supply Decoupling
Proper decoupling is critical to minimize noise.
```markdown
* Recommended Capacitors:
- 100 pF (High frequency noise)
- 0.1 μF (General bypass)
- 10 μF (Tantalum for bulk storage)
```
---
### 4. Typical Use Cases
* **Radio Infrastructure:** GSM, W-CDMA, and LTE base stations.
* **Broadband Access:** Cable modem termination systems.
* **Military/Aerospace:** Secure communication links and signal jamming.
* **Instrumentation:** Signal generators and laboratory test equipment.
---
- ⤷What is the significance of the 0.5V common-mode voltage for the baseband inputs?
- ⤷ How does the ADL5385 compare to the ADL5380 in terms of function?
- ⤷ What are the thermal considerations for the 24-Lead LFCSP package?