công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADL5303ACPZ-R2

  • AI
    ## Overview of ADL5303ACPZ-R2 The **ADL5303ACPZ-R2** is a high-performance, monolithic logarithmic converter optimized for fiber optic system power monitoring. It is designed to convert input current over a wide dynamic range into a linear-in-decibel output voltage. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. (ADI) | | **Function** | Logarithmic Converter (Translinear) | | **Measurement Range** | 1 nA to 10 mA (140 dB / 7 Decades) | | **Supply Voltage** | 3 V to 5.5 V | | **Quiescent Current** | ~5.5 mA | | **Package** | 16-LFCSP (3mm x 3mm) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Blocks The internal architecture of the ADL5303 includes several critical electronic stages: 1. **Translinear Log Amp Core:** This is the heart of the chip. It utilizes the exponential relationship between the collector current and base-emitter voltage ($V_{BE}$) of bipolar transistors to perform the logarithmic transformation. 2. **Adaptive Photodiode Interface:** It features a unique circuit to maintain a constant bias across a photodiode, which minimizes dark current and improves response speed at low power levels. 3. **Reference Current Generator ($I_{REF}$):** The chip provides an internal reference current. The output voltage is proportional to the log of the ratio between the input current ($I_{IN}$) and the reference current ($I_{REF}$). 4. **Buffer Amplifier:** An integrated operational amplifier at the output stage allows for scaling and shifting the output voltage to suit specific ADC (Analog-to-Digital Converter) requirements. --- ### 3. Application Use Cases Due to its wide dynamic range and precision, the ADL5303 is commonly found in: * **Optical Power Monitoring:** Measuring signal strength in fiber optic transceivers. * **Laser Control Loops:** Providing feedback for laser diode bias control. * **Chemical Analysis:** Measuring light absorption in precision laboratory equipment. * **Wide Range Current Sensing:** Any application requiring measurement of currents spanning several orders of magnitude. --- ### 4. Typical Circuit Connection (Snippet) ```c // Conceptual pin configuration for ADL5303 PIN 1 (INPT): Connect to Photodiode Anode (Current Input) PIN 5 (VLOG): Output Voltage (Logarithmic Output) PIN 10 (VPOS): Positive Supply (3V to 5.5V) PIN 13 (VREF): External Reference Input (Optional) PIN 16 (GND): System Ground ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADL5303 and ADL5304?
    • ⤷ How do you calibrate the slope and intercept for this log amp?
    • ⤷ What are the PCB layout considerations for handling nano-ampere input currents?