công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADE-R5LH

  • AI
    ## Overview of the ADE-R5LH The **ADE-R5LH** is a high-performance, surface-mount **Frequency Mixer** manufactured by Mini-Circuits. It belongs to the ADE series, which is known for its low profile and robust performance in radio frequency (RF) applications. --- ### 1. Key Technical Specifications The following table outlines the primary electronic characteristics of the ADE-R5LH: | Parameter | Value | | :--- | :--- | | **Component Type** | Double Balanced Mixer | | **RF Frequency Range** | 0.2 MHz to 500 MHz | | **LO Frequency Range** | 0.2 MHz to 500 MHz | | **IF Frequency Range** | DC to 500 MHz | | **LO Power Level** | +10 dBm (Level 10) | | **Conversion Loss** | 5.5 dB (Typical) | | **IP3 (Input)** | 15 dBm (Typical) | | **Package Style** | CD542 (Surface Mount) | --- ### 2. Internal Electronic Architecture The ADE-R5LH is a **Double Balanced Mixer**. Its internal circuitry typically consists of: * **Schottky Barrier Diodes:** A ring of four matched diodes that perform the switching action. * **Balun Transformers:** Two transmission-line transformers (one for the Local Oscillator port and one for the RF port) that convert unbalanced signals to balanced signals. * **Isolation:** The double-balanced design provides excellent isolation between the LO, RF, and IF ports, meaning the high-power LO signal does not bleed into the sensitive RF or IF paths. --- ### 3. Pin Configuration and Functionality The device is housed in a 6-pin leadless package. Below is the functional breakdown of the pins: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **LO** | Local Oscillator Input (usually +10 dBm) | | **4** | **RF** | Radio Frequency Input/Output | | **3** | **IF** | Intermediate Frequency Output/Input | | **2, 5, 6** | **GND** | Ground connections for shielding and thermal relief | --- ### 4. Common Applications Due to its broad frequency range (down to 0.2 MHz) and low conversion loss, the ADE-R5LH is used in: 1. **VHF/UHF Receivers:** Down-converting high-frequency signals to lower frequencies for processing. 2. **Signal Modulators:** Up-converting signals for transmission. 3. **Phase Detectors:** Comparing the phase of two signals of the same frequency. 4. **Instrumentation:** Used in signal generators and spectrum analyzers. ---
    ✨ Follow-up Questions
    • ⤷ How does the 'Level 10' LO power requirement affect the design of the driving circuit?
    • ⤷ What are the advantages of a Double Balanced Mixer over a Single Balanced Mixer?
    • ⤷ Can the ADE-R5LH be used for both up-conversion and down-conversion?