công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADE-R1L

  • AI
    The **ADE-R1L+** is a high-performance, surface-mount **Frequency Mixer** manufactured by Mini-Circuits. It is widely used in radio frequency (RF) designs for frequency up-conversion or down-conversion. --- ## 1. Technical Specifications The ADE-R1L+ is a passive, double-balanced mixer. Key technical parameters include: | Parameter | Specification | | :--- | :--- | | **RF/LO Frequency Range** | 0.5 to 500 MHz | | **IF Frequency Range** | DC to 500 MHz | | **LO Power Level** | +7 dBm (Class 1) | | **Conversion Loss** | 5.5 dB (typical) | | **Isolation (LO-RF)** | 50 dB (typical) | | **Isolation (LO-IF)** | 45 dB (typical) | | **Package Type** | CD542 (Surface Mount) | --- ## 2. Key Features * **Low Conversion Loss:** Minimizes signal degradation during the mixing process. * **High Isolation:** Excellent separation between the Local Oscillator (LO), Radio Frequency (RF), and Intermediate Frequency (IF) ports, reducing noise and interference. * **Broadband Performance:** Covers a wide range of frequencies, making it versatile for various communication standards. * **RoHS Compliant:** Built using lead-free materials according to environmental standards. --- ## 3. Internal Components & Structure The device is a **Double-Balanced Mixer**, which typically consists of: 1. **Matched Schottky Barrier Diodes:** Arranged in a ring configuration to perform the switching/mixing action. 2. **Ferrite Core Transformers:** Used as baluns to convert single-ended signals to balanced signals, ensuring high symmetry and port isolation. --- ## 4. Common Applications The ADE-R1L+ is commonly found in: * **VHF/UHF Receivers:** For converting high-frequency antenna signals down to a processable IF. * **Instrumentation:** Signal generators and spectrum analyzers. * **Defense Communications:** Secure radio links and radar sub-systems. * **Cellular Infrastructure:** Early stage signal processing in base stations. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a +7dBm and a +13dBm LO drive mixer?
    • ⤷ How do I calculate the output frequency of the ADE-R1L+?
    • ⤷ What are the PCB layout recommendations for high-isolation mixers?