ADA600F-24-R
AI

The **ADA600F-24-R** is a high-reliability, 600W AC-DC switching power supply manufactured by **Cosel**. It is part of the ADA series, specifically designed for industrial applications requiring high power density and modular-like features.
---
### 1. Key Technical Specifications
The following table highlights the core electrical characteristics of the ADA600F-24-R:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage** | AC 85 - 264V | Universal input (1-phase) |
| **Output Voltage** | 24V DC | Adjustable via built-in potentiometer |
| **Output Current** | 14A (Peak 25A) | Supports high startup currents |
| **Power Rating** | 600W | Total continuous output power |
| **Efficiency** | 83% - 87% | Depending on input voltage |
| **Cooling** | Forced Air | Built-in internal fan |
| **Option "-R"** | Remote ON/OFF | Allows external control of the output |
---
### 2. Major Electronic Subsystems
The internal architecture of the ADA600F-24-R consists of several critical stages:
#### A. Input Filter & Rectification
* **EMI Filter:** A multi-stage LC filter designed to minimize conducted emissions and ensure compliance with FCC/VCCI standards.
* **Bridge Rectifier:** Converts AC input to high-voltage DC.
* **Active PFC (Power Factor Correction):** Uses a boost converter topology to ensure the power factor is close to 0.98, reducing harmonic distortion.
#### B. DC-DC Converter Stage
* **Switching Topology:** Likely uses a Forward or LLC Resonant converter for high efficiency.
* **Power MOSFETs/IGBTs:** High-speed transistors that chop the DC voltage into high-frequency pulses.
* **Isolation Transformer:** Provides 3,000V AC isolation between the primary (high voltage) and secondary (output) sides.
#### C. Output Rectification & Filtering
* **Schottky Diodes:** Used for high-speed rectification of the transformer output.
* **Low-ESR Electrolytic Capacitors:** Ensure low ripple and noise on the 24V DC line.
* **Voltage Regulator IC:** Monitors the output and provides feedback to the primary side via an optocoupler.
---
### 3. Protection & Control Features
The device is equipped with advanced circuitry to protect both the power supply and the connected load:
1. **Overcurrent Protection (OCP):** Automatically limits current when it exceeds 105% of the rating.
2. **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 115% of the nominal 24V.
3. **Thermal Protection:** Sensors monitor internal temperatures; the unit shuts down if the fan fails or airflow is blocked.
4. **Remote ON/OFF (The "-R" Suffix):** Uses a dedicated terminal. Applying a small voltage/signal to these pins allows the user to toggle the 24V output without disconnecting the AC mains.
---
### 4. Physical Layout & Terminals
The unit follows a standard industrial "Enclosed" form factor:
* **Input Terminals:** L, N, and Ground (Screw terminals).
* **Output Terminals:** Heavy-duty +V and -V bus bars or screw terminals.
* **Signal Connector:** Used for Remote Sensing, Remote ON/OFF, and Alarms.
- ⤷
What are the specific wiring requirements for the Remote ON/OFF function?
- ⤷ Can the ADA600F-24-R be connected in parallel for higher power?
- ⤷ What is the peak current duration limit for this model?