công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADA4945-1ACPZ-R2

  • AI
    ## Technical Overview: ADA4945-1ACPZ-R2 The **ADA4945-1ACPZ-R2** is a high-speed, low-noise, fully differential amplifier (FDA) manufactured by Analog Devices. It is specifically designed to drive high-resolution, high-performance 16-bit to 24-bit Successive Approximation Register (SAR) and Sigma-Delta ($\Sigma\Delta$) Analog-to-Digital Converters (ADCs). --- ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | Fully Differential Amplifier (FDA) | | **Bandwidth (-3 dB)** | 145 MHz (at Gain = 1) | | **Slew Rate** | 80 V/µs | | **Input Voltage Noise** | 1.8 nV/√Hz | | **Supply Voltage Range** | 3.0 V to 11 V (Single) or ±1.5 V to ±5.5 V (Dual) | | **Quiescent Current** | 4 mA (High Power Mode) / 1.4 mA (Low Power Mode) | | **Package** | 16-Lead LFCSP (3mm x 3mm) | --- ### Core Functional Features 1. **Dual Operating Modes:** * **High Power Mode:** Maximizes bandwidth and minimizes distortion for high-speed sampling. * **Low Power Mode:** Reduces power consumption for battery-operated or thermally sensitive applications while maintaining respectable performance. 2. **Fully Differential Architecture:** * This part converts single-ended signals to differential signals or processes differential-to-differential signals. This is critical for modern ADCs to reject common-mode noise. 3. **DC Precision:** * It features low offset voltage and low offset drift, making it suitable for DC-coupled applications where precision is mandatory. 4. **Rail-to-Rail Output:** * The output can swing very close to the supply rails, maximizing the dynamic range of the ADC it is driving. --- ### Pin Configuration Snippet While the device has 16 pins, the primary functional pins are: * **VOCM:** Sets the output common-mode voltage (usually connected to the ADC's reference midpoint). * **+IN / -IN:** Differential inputs. * **+OUT / -OUT:** Differential outputs. * **PD (Power Down):** Used to disable the device to save power. * **STBY:** Toggles between High Power and Low Power modes. --- ### Application Example: ADC Driving In a typical circuit, the ADA4945-1 acts as the "bridge" between a sensor signal and a high-speed ADC. ```python # Conceptual Signal Chain [Sensor] -> [ADA4945-1 (Signal Conditioning)] -> [Precision ADC] -> [FPGA/MCU] # The ADA4945-1 performs: # 1. Anti-aliasing filtering (with external R/C) # 2. Level shifting (via VOCM pin) # 3. Impedance matching ```
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using a fully differential amplifier over a standard op-amp for ADC driving?
    • ⤷ How does the VOCM pin influence the output signal in this specific IC?
    • ⤷ What are the thermal considerations for the 16-Lead LFCSP package in high-speed designs?