ADA4940-2ACPZ-R2
AI

## ADA4940-2ACPZ-R2: Ultra-Low Power ADC Driver
The **ADA4940-2ACPZ-R2** is a high-performance, dual-channel, low-noise, fully differential amplifier designed primarily to drive high-resolution Analog-to-Digital Converters (ADCs). It is manufactured by Analog Devices and is widely used in precision data acquisition systems.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Channels** | Dual (2 Amplifiers) |
| **Gain Bandwidth Product** | 260 MHz |
| **Slew Rate** | 95 V/µs |
| **Voltage Noise** | 3.9 nV/√Hz |
| **Supply Voltage Range** | 3.0V to 18V (Single) / ±1.5V to ±9V (Dual) |
| **Current Consumption** | 1.25 mA per channel |
| **Package Type** | LFCSP-24 (4mm x 4mm) |
---
### 2. Functional Description
The ADA4940-2 acts as a bridge between single-ended signals and differential ADC inputs. Its primary roles include:
* **Differential Conversion:** It efficiently converts single-ended or differential input signals to fully differential outputs, which is critical for reducing common-mode noise in ADCs.
* **Adjustable Output Common-Mode:** It features a `VOCM` pin that allows the user to set the output common-mode voltage to match the optimal input range of the downstream ADC.
* **Low Power Consumption:** With only 1.25 mA per amplifier, it is optimized for power-sensitive applications like portable medical devices or industrial sensors.
---
### 3. Application Examples
* **ADC Driving:** Specifically designed for 16-bit and 18-bit Successive Approximation Register (SAR) ADCs (e.g., AD7982).
* **Data Acquisition:** Used in multi-channel systems where high density and low power are required.
* **Medical Imaging:** Employed in ultrasound and MRI front-ends for signal conditioning.
* **Industrial Process Control:** Precise signal scaling and filtering in harsh environments.
---
### 4. Comparison: ADA4940-1 vs ADA4940-2
| Feature | ADA4940-1 | ADA4940-2 |
| :--- | :--- | :--- |
| **Channel Count** | Single | Dual |
| **Package** | LFCSP-16 | LFCSP-24 |
| **Best For** | Space-constrained single signals | Synchronous multi-channel sampling |
---
### 5. Part Number Breakdown
```text
ADA4940 - 2 - ACPZ - R2
| | | |
| | | └── Packing Code (7" Reel, 250 units)
| | └───────── Package (Lead-frame Chip Scale Package, RoHS compliant)
| └────────────── Number of Channels (Dual)
└───────────────────── Product Family (Differential Amplifier)
```
- ⤷
How does the VOCM pin function in a differential amplifier circuit?
- ⤷ What are the recommended bypass capacitor values for the ADA4940-2 supply pins?
- ⤷ Can the ADA4940-2 be used with a single 5V supply?