ADA4891-2ARZ-R7
AI

## Overview of ADA4891-2ARZ-R7
The **ADA4891-2ARZ-R7** is a high-speed, CMOS, dual-channel operational amplifier (op-amp) manufactured by **Analog Devices**. It is designed for high performance at a low cost, making it ideal for consumer electronics and video applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Bandwidth (-3 dB)** | 240 MHz |
| **Slew Rate** | 210 V/µs |
| **Supply Voltage Range** | 2.7 V to 5.5 V (Single Supply) |
| **Output Current** | 125 mA |
| **Input Bias Current** | 2 pA (Typical) |
| **Package Type** | SOIC-8 (N-8) |
| **Settling Time** | 50 ns (to 0.1%) |
---
### 2. Core Features
* **Rail-to-Rail Output:** The output swing extends to within millivolts of the supply rails, maximizing the dynamic range.
* **High Speed:** With a 240 MHz bandwidth and high slew rate, it can handle rapid signal transitions without significant distortion.
* **Single-Supply Operation:** Optimized for low-voltage systems (3.3V or 5V), which is standard in modern digital and portable electronics.
* **Low Cost:** Specifically engineered for high-volume applications where budget is a constraint but performance is required.
---
### 3. Pin Configuration (SOIC-8)
| Pin No. | Mnemonic | Description |
| :--- | :--- | :--- |
| 1 | OUTPUT1 | Output of the first amplifier |
| 2 | -INPUT1 | Inverting input of the first amplifier |
| 3 | +INPUT1 | Non-inverting input of the first amplifier |
| 4 | V- | Negative supply (or Ground) |
| 5 | +INPUT2 | Non-inverting input of the second amplifier |
| 6 | -INPUT2 | Inverting input of the second amplifier |
| 7 | OUTPUT2 | Output of the second amplifier |
| 8 | V+ | Positive supply voltage |
---
### 4. Typical Applications
1. **Video Electronics:** Used in professional and consumer video filters, buffers, and drivers (NTSC/PAL).
2. **ADC Drivers:** High-speed buffer to drive the inputs of Analog-to-Digital Converters.
3. **Active Filters:** Designing high-order filters with wide frequency responses.
4. **Optical Networking:** Used in photodiode transimpedance amplification.
---
### 5. Implementation Example
Below is a simple Python representation of how one might calculate the gain of a non-inverting amplifier circuit using this part:
```python
# Calculation for Non-Inverting Op-Amp Gain
# Formula: Gain = 1 + (Rf / Rg)
def calculate_gain(rf, rg):
gain = 1 + (rf / rg)
return gain
# Example: 1k Ohm Feedback resistor and 1k Ohm Gain resistor
rf_value = 1000 # Ohms
rg_value = 1000 # Ohms
print(f"The circuit gain is: {calculate_gain(rf_value, rg_value)}")
```
---
- ⤷What is the difference between ADA4891-2 and ADA4891-4?
- ⤷ How does the rail-to-rail output benefit video signal processing?
- ⤷ What is the importance of the 210 V/µs slew rate in this op-amp?