AI

### ADA4841-2YCPZ-R7 Overview
The **ADA4841-2YCPZ-R7** is a high-performance, dual-channel, low-power, rail-to-rail output operational amplifier (op-amp) manufactured by **Analog Devices**. It is specifically designed for high-resolution data acquisition systems that require both low noise and low power consumption.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Gain Bandwidth Product** | 80 MHz |
| **Slew Rate** | 13 V/µs |
| **Voltage Noise Density** | 2.1 nV/√Hz |
| **Supply Voltage Range** | 2.7 V to 12 V (±1.35V to ±6V) |
| **Supply Current** | 1.1 mA per amplifier |
| **Output Type** | Rail-to-Rail |
| **Package Type** | LFCSP-8 (Lead Frame Chip Scale Package) |
---
### Component Breakdown
#### 1. Low Noise and Distortion
The device features an exceptionally low input voltage noise of **2.1 nV/√Hz** at 100 kHz. This makes it ideal for buffering high-speed, high-resolution Analog-to-Digital Converters (ADCs), such as 16-bit or 18-bit SAR ADCs, where maintaining signal integrity is critical.
#### 2. Power Efficiency
Despite its high bandwidth (80 MHz), it consumes only **1.1 mA** of quiescent current per amplifier. This efficiency is vital for battery-powered medical instrumentation or portable industrial sensors.
#### 3. Rail-to-Rail Output
The output can swing very close to the supply rails, maximizing the dynamic range of the signal processing chain, which is essential when operating on low-voltage supplies (e.g., 3.3V).
---
### Part Number Nomenclature (ADA4841-2YCPZ-R7)
| Suffix | Meaning |
| :--- | :--- |
| **ADA4841** | Base Model Number |
| **-2** | Indicates a Dual-channel configuration |
| **YCP** | Package Code for LFCSP (Lead Frame Chip Scale Package) |
| **Z** | RoHS compliant (Lead-free) |
| **R7** | 7-inch Tape and Reel packaging (typically 1,500 units) |
---
### Typical Applications
* **ADC Drivers:** Driving high-speed SAR and Delta-Sigma ADCs.
* **Precision Filters:** Active filter designs requiring high bandwidth and low noise.
* **Portable Instrumentation:** Handheld multimeters or diagnostic tools.
* **Medical Imaging:** Low-noise signal conditioning for ultrasound or X-ray sensors.
- ⤷
How does the ADA4841-2 compare to the single-channel ADA4841-1 in terms of power consumption?
- ⤷ What are the layout considerations for the LFCSP package to ensure thermal stability?
- ⤷ Can this op-amp be used with a single-supply 5V configuration?