công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADA4691-2ACPZ-R2

  • AI
    The **ADA4691-2ACPZ-R2** is a high-performance, dual-channel, rail-to-rail output operational amplifier (op-amp) manufactured by Analog Devices. It is specifically designed for low-power, battery-operated applications that require high precision and a small form factor. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Dual (2 Amplifiers) | | **Supply Voltage** | 2.7 V to 5.5 V | | **Supply Current** | 180 µA per amplifier | | **Gain Bandwidth Product** | 3.5 MHz | | **Slew Rate** | 1.3 V/µs | | **Input Offset Voltage** | 500 µV (typical) | | **Output Type** | Rail-to-Rail | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | --- ### 2. Core Functional Parts & Architecture #### A. Power Management (Low Power Design) The internal circuitry is optimized for **micropower consumption**. With only 180 µA per channel, it minimizes battery drain in portable electronics. Despite the low current, it maintains a respectable 3.5 MHz bandwidth, making it efficient for signal processing. #### B. Input Stage * **CMOS Inputs:** The part uses CMOS technology, resulting in extremely low input bias currents (typically around 0.5 pA). This makes it ideal for high-impedance sensor interfaces. * **Common-Mode Range:** The input voltage range typically includes the negative rail (ground in single-supply systems), though it is not full rail-to-rail on the input side (it is rail-to-rail on the output). #### C. Output Stage (Rail-to-Rail) The output stage is designed to swing within millivolts of the supply rails ($V+$ and $V-$). This maximizes the **Dynamic Range**, which is critical when operating on low-voltage supplies like 2.7V or 3.3V. --- ### 3. Physical Packaging (LFCSP) The suffix `ACPZ` indicates a Lead Frame Chip Scale Package. * **Size:** Extremely small footprint (approx. 2mm x 2mm). * **Thermal Pad:** Usually includes an exposed pad on the bottom to enhance thermal dissipation and provide a stable ground reference, despite its tiny size. --- ### 4. Typical Applications * **Photodiode Amplifiers:** Due to low input bias current. * **Portable Medical Instrumentation:** EKG/ECG monitors and glucose meters. * **Battery Monitoring:** Sensing current and voltage in mobile devices. * **Audio Pre-amplification:** Used in low-power consumer audio gadgets. --- ### 5. Implementation Example Here is a conceptual representation of how to connect a basic non-inverting gain stage: ```python # Simplified Connectivity Diagram Pin 1 (VOUT A) --> Output of first amp Pin 2 (V- IN A) --> Inverting input Pin 3 (V+ IN A) --> Non-inverting input (Signal) Pin 4 (V-) --> Ground / Negative Supply Pin 8 (V+) --> Positive Supply (2.7V - 5.5V) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of LFCSP packaging for this op-amp?
    • ⤷ How does the ADA4691-2 compare to the ADA4692 series?
    • ⤷ Can this part be used in a single-supply 3.3V digital system?