ADA4691-2ACBZ-R7
AI

The **ADA4691-2ACBZ-R7** is a high-performance, dual-channel operational amplifier (op-amp) manufactured by Analog Devices. It is specifically designed for low-power, portable applications where space and energy efficiency are critical.
---
## 1. Technical Specifications
Below are the primary electrical characteristics of the ADA4691-2:
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Supply Voltage (Range)** | 2.7V to 5.5V |
| **Quiescent Current** | 180 µA per amplifier |
| **Gain Bandwidth Product** | 3.5 MHz |
| **Slew Rate** | 1.3 V/µs |
| **Input Bias Current** | 0.5 pA (Typical) |
| **Offset Voltage** | 500 µV (Max) |
| **Rail-to-Rail** | Input and Output (RRIO) |
---
## 2. Key Features
* **Low Power Consumption:** With only 180 µA per channel, it is ideal for battery-operated devices.
* **Small Form Factor:** The "ACBZ" suffix indicates a **WLCSP** (Wafer Level Chip Scale Package), making it extremely small for dense PCB layouts.
* **Low Input Bias Current:** The CMOS input stage allows for extremely low bias currents, making it excellent for photodiode amplification or high-impedance sensors.
* **Shutdown Mode:** This specific model includes a shutdown pin to further reduce power consumption when the device is not in use.
---
## 3. Package and Ordering Information
The suffix codes provide details regarding the physical delivery and packaging:
| Code Segment | Meaning |
| :--- | :--- |
| **ADA4691-2** | Model family and number of channels (2). |
| **ACBZ** | Indicates the package type: 10-ball WLCSP. |
| **R7** | Indicates the tape and reel size (7-inch reel, typically 3,000 units). |
---
## 4. Typical Applications
* **Portable Medical Instrumentation:** ECG/EKG monitors and glucose meters.
* **Consumer Electronics:** Smartphone audio, tablets, and wearables.
* **Sensor Interfaces:** Signal conditioning for low-current sensors.
* **Active Filters:** Low-power filtering for data acquisition systems.
---
## 5. Typical Circuit Configuration
Here is a conceptual example of how the ADA4691-2 might be used in a non-inverting buffer configuration:
```text
V+ (2.7V - 5.5V)
|
+---------+
Vin--|+ |
| ADA4691 |---- Vout
+--|- |
| +---------+
| |
+-------+ (Feedback Loop)
|
V- (GND)
```
- ⤷What are the differences between the ADA4691 and the ADA4692?
- ⤷ Can you explain the pinout for the 10-ball WLCSP package?
- ⤷ How does the shutdown feature impact the startup time of the amplifier?