ADA4665-2ARMZ-R7
AI

## ADA4665-2ARMZ-R7: Technical Overview
The **ADA4665-2ARMZ-R7** is a high-voltage, rail-to-rail input and output (RRIO) operational amplifier (Op-Amp) manufactured by Analog Devices. It is designed for low power consumption and versatility in high-density electronic circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Supply Voltage (Single)** | 5V to 16V |
| **Supply Voltage (Dual)** | ±2.5V to ±8V |
| **Gain Bandwidth Product (GBW)** | 1.2 MHz |
| **Slew Rate** | 1 V/μs |
| **Quiescent Current** | 290 μA per Amplifier |
| **Input Bias Current** | 1 pA (Typical) |
| **Output Current** | 30 mA |
| **Package / Case** | MSOP-8 (ARMZ) |
| **Packaging Type** | Tape & Reel (R7) |
---
### 2. Core Functional Features
* **Rail-to-Rail Input/Output:** This allows the input and output signals to swing from the negative supply rail to the positive supply rail, maximizing the dynamic range of the signal.
* **Low Input Bias Current:** Utilizing CMOS technology, the input bias current is extremely low (pico-ampere range), making it ideal for high-impedance sensor interfaces.
* **High Voltage Capability:** Unlike many CMOS op-amps limited to 5V, this part supports up to 16V, making it suitable for industrial and automotive applications.
* **Low Power:** With less than 300 μA per channel, it is optimized for battery-powered or heat-sensitive applications.
---
### 3. Applications and Use Cases
The ADA4665-2 is commonly found in the following electronic systems:
1. **Photodiode Amplifiers:** Due to the ultra-low input bias current.
2. **Portable Instrumentation:** Where low power consumption is critical for battery life.
3. **Sensor Buffering:** Used to interface high-impedance sensors with Analog-to-Digital Converters (ADCs).
4. **Audio Preamplifiers:** Providing low distortion and rail-to-rail swing for line-level signals.
---
### 4. Circuit Implementation Example
Below is a basic non-inverting amplifier configuration using the ADA4665-2.
```python
# Gain Calculation Example
# Vout = Vin * (1 + R2 / R1)
R1 = 10000 # 10k Ohms
R2 = 40000 # 40k Ohms
Vin = 1.0 # 1 Volt
gain = 1 + (R2 / R1)
Vout = Vin * gain
print(f"The calculated Gain is: {gain}")
print(f"The Output Voltage is: {Vout}V")
```
- ⤷
What are the noise performance characteristics of the ADA4665-2?
- ⤷ How does the MSOP-8 package footprint affect thermal dissipation?
- ⤷ What are the pinout differences between ADA4665-2 and standard dual op-amps?