ADA4625-2ARDZ-R7
AI

## Technical Overview of ADA4625-2ARDZ-R7
The **ADA4625-2ARDZ-R7** is a high-performance, dual-channel, JFET-input operational amplifier (op-amp) manufactured by Analog Devices. It is designed for applications requiring high speed, low noise, and high precision.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Analog Devices |
| **Number of Channels** | 2 (Dual) |
| **Input Type** | JFET (High Impedance) |
| **Bandwidth (GBW)** | 18 MHz |
| **Slew Rate** | 48 V/µs |
| **Voltage Noise** | 3.3 nV/√Hz at 1 kHz |
| **Supply Voltage Range** | ±5 V to ±18 V |
| **Input Bias Current** | 15 pA (Typical) |
| **Package** | 8-SOIC (with Exposed Pad) |
---
### 2. Core Features and Advantages
* **Low Noise & Low Distortion:** The JFET input architecture provides exceptionally low voltage and current noise, making it ideal for high-fidelity audio and sensor signal conditioning.
* **High Speed:** With an 18 MHz gain bandwidth and a 48 V/µs slew rate, it can handle fast signals with minimal settling time.
* **Precision:** It features low offset voltage (typically 80 µV) and low input bias current, which reduces errors in high-impedance circuits.
* **Thermal Management:** The "RDZ" suffix indicates an SOIC package with an **exposed pad** (EPAD), allowing for better heat dissipation in high-power or high-temperature environments.
---
### 3. Pin Configuration (8-SOIC EPAD)
```text
+-------U-------+
OUTA | 1 8 | V+
-INA | 2 7 | OUTB
+INA | 3 6 | -INB
V- | 4 5 | +INB
+---------------+
(Exposed Pad: Connect to V-)
```
---
### 4. Typical Applications
1. **Photodiode Amplifiers:** The low bias current is perfect for converting small currents from light sensors into voltage.
2. **Professional Audio:** Used in high-end preamps and mixers due to its low distortion and low noise.
3. **Data Acquisition (DAQ):** Functions as a high-speed buffer or driver for high-resolution Analog-to-Digital Converters (ADCs).
4. **Medical Instrumentation:** Used in ECG/EEG equipment where high input impedance is critical.
---
### 5. Part Number Breakdown
* **ADA4625-2:** Part family (2 indicates dual-channel).
* **A:** Performance grade.
* **RDZ:** Package type (SOIC_N_EP with Exposed Pad).
* **R7:** Tape and Reel packaging (7-inch reel).
- ⤷
How does the exposed pad (EPAD) impact the PCB layout for the ADA4625-2?
- ⤷ What are the main differences between the JFET-input ADA4625 and a standard Bipolar op-amp?
- ⤷ What is the recommended power supply decoupling strategy for this high-speed op-amp?