công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADA4610-2ACPZ-R7

  • AI
    The **ADA4610-2ACPZ-R7** is a high-precision, dual-channel, JFET-input operational amplifier (op-amp) manufactured by Analog Devices. It is widely recognized for its combination of low noise, low bias current, and high speed. --- ### ## Technical Specifications Below are the key electronic parameters that define the performance of the ADA4610-2: | Parameter | Value/Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Input Type** | JFET (High Input Impedance) | | **Supply Voltage (Split)** | ±4.5 V to ±15 V | | **Gain Bandwidth Product** | 16.3 MHz | | **Slew Rate** | 61 V/µs | | **Input Bias Current** | 5 pA (Typical) | | **Input Offset Voltage** | 400 µV (Maximum) | | **Low Noise** | 0.45 µV p-p (0.1 Hz to 10 Hz) | | **Package / Case** | 8-Lead LFCSP (Lead Frame Chip Scale Package) | --- ### ## Key Features & Electronic Characteristics #### 1. JFET Input Technology Because it uses Junction Field-Effect Transistors (JFET) at the input stage, this part has an extremely low **Input Bias Current** (pico-ampere range). This makes it ideal for interfacing with high-impedance sensors like photodiodes or pH probes. #### 2. High Slew Rate and Bandwidth With a slew rate of **61 V/µs**, the amplifier can respond rapidly to sudden changes in input signals without significant distortion. This makes it suitable for high-speed signal processing and fast-settling circuits. #### 3. Low Noise and Distortion The device is designed for high-fidelity audio and precision instrumentation. It offers very low total harmonic distortion (THD + N) and low voltage noise, ensuring signal integrity is maintained from input to output. #### 4. Rail-to-Rail Output While the input range does not cover the full supply rails, the **output** can swing very close to the positive and negative rails, maximizing the dynamic range of the processed signal. --- ### ## Common Applications * **Precision Instrumentation:** Bridge amplifiers and sensor signal conditioning. * **Photodiode Amplifiers:** Converting light-induced current into voltage. * **Professional Audio:** High-end pre-amplifiers and active filters. * **Data Acquisition:** Driving Analog-to-Digital Converters (ADCs). --- ### ## Package Nomenclature (Decoding the Part Number) * **ADA4610-2:** The base model (Dual version). * **ACPZ:** Indicates the package type (LFCSP) and RoHS compliance (Lead-free). * **R7:** Indicates the shipping method (7-inch Reel, typically containing 1,500 or 3,000 units).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the ADA4610-2 and the single-channel ADA4610-1?
    • ⤷ How does the JFET input compare to a CMOS input in precision op-amps?
    • ⤷ What are the PCB layout considerations for the LFCSP package to ensure thermal stability?