công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADA4522-2ARZ-R7

  • AI
    ## Overview of ADA4522-2ARZ-R7 The **ADA4522-2ARZ-R7** is a high-precision, dual-channel, zero-drift operational amplifier manufactured by **Analog Devices**. It is designed for applications requiring extremely low offset voltage and long-term stability, making it ideal for instrumentation and sensing. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Analog Devices Inc. | | **Architecture** | Zero-Drift (Chopper Stabilized) | | **Number of Channels** | 2 (Dual) | | **Supply Voltage (Single)** | 4.5V to 55V | | **Supply Voltage (Dual)** | ±2.25V to ±27.5V | | **Input Offset Voltage** | 5 µV (Maximum) | | **Offset Voltage Drift** | 22 nV/°C (Maximum) | | **Gain Bandwidth Product** | 3 MHz | | **Slew Rate** | 1.3 V/µs | | **Package Type** | SOIC-8 (Narrow) | | **Operating Temp Range** | -40°C to +125°C | --- ### Key Internal Components & Architecture 1. **Zero-Drift Mechanism:** It uses an internal "chopping" circuit that continuously corrects for DC errors. This eliminates $1/f$ noise (flicker noise) and maintains a near-zero offset over temperature and time. 2. **EMI Filters:** The part includes integrated electromagnetic interference (EMI) filters to minimize sensitivity to radio frequency interference, which is critical in industrial environments. 3. **High-Voltage Rail-to-Rail Output:** The output can swing nearly to the supply rails, allowing for a wide dynamic range even at high operating voltages (up to 55V). --- ### Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ADA4522** | Model series (High voltage, zero-drift) | | **-2** | Dual channel version | | **ARZ** | Package type (SOIC) and RoHS compliance | | **-R7** | Packaging format (7-inch reel / 1,000 units) | --- ### Common Applications * **Load Cell & Bridge Transducers:** Used in electronic scales and pressure sensors where microvolt precision is required. * **Current Sensing:** Precision monitoring of current in power supplies or battery management systems. * **Medical Instrumentation:** High-accuracy signal conditioning for diagnostic equipment. * **Test & Measurement:** Used in data acquisition systems to ensure signal integrity without frequent recalibration.
    ✨ Follow-up Questions
    • ⤷ How does the zero-drift architecture compare to standard op-amps in terms of noise?
    • ⤷ What are the PCB layout recommendations for high-precision amplifiers like the ADA4522?
    • ⤷ Can the ADA4522-2 be used in a single-supply configuration?