ADA4433-1BCPZ-R7
AI

## ADA4433-1BCPZ-R7: Technical Overview
The **ADA4433-1BCPZ-R7** is a high-performance, fully integrated video filter amplifier manufactured by **Analog Devices**. It is specifically designed to provide video reconstruction filtering and drive signals for SD (Standard Definition) video applications in harsh environments, such as automotive systems.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Video Filter / Driver |
| **Number of Channels** | 1 (Single) |
| **Output Type** | Rail-to-Rail |
| **Filter Type** | 5th Order Low-Pass (Standard Definition) |
| **-3 dB Bandwidth** | 10 MHz |
| **Slew Rate** | 85 V/µs |
| **Supply Voltage Range** | 2.7V to 3.6V (Single Supply) |
| **Package / Case** | 8-WFDFN, CSP (3x3 mm) |
| **Operating Temp Range** | -40°C to +125°C |
---
### 2. Core Functional Features
* **Integrated 5th Order Filter:** It includes a low-pass filter with a 10 MHz cutoff frequency. This is essential for removing high-frequency noise and "aliasing" artifacts generated by Digital-to-Analog Converters (DACs).
* **Overvoltage Protection (OVP):** One of its standout features is the ability to withstand high-voltage shorts (up to 18V) to the battery or ground. This is critical for automotive safety.
* **Charge Pump Technology:** It features an internal charge pump that allows the output to reach 0V (ground) even while operating on a single supply, eliminating the need for large AC-coupling capacitors.
* **Sag Correction:** This feature reduces the size of the output coupling capacitor required when driving AC-coupled loads.
---
### 3. Pinout and Internal Structure
The device is housed in a compact **LFCSP (Lead Frame Chip Scale Package)**. Below is a conceptual representation of the internal signal flow:
```mermaid
graph LR
In[Video Input] --> F[5th Order LPF]
F --> A[Gain Amplifier]
A --> OVP[Short-to-Battery Protection]
OVP --> Out[Video Output]
CP[Charge Pump] -.-> Out
```
---
### 4. Typical Applications
The ADA4433-1 is predominantly used in environments where signal integrity and robustness are paramount:
1. **Automotive Vision Systems:** Rear-view cameras, surround-view monitors, and infotainment displays.
2. **Portable Video:** Digital still cameras (DSC) and camcorders.
3. **Security/Surveillance:** Analog CCTV systems requiring SD signal conditioning.
---
### 5. Ordering Information (Suffix Breakdown)
* **ADA4433-1:** The base model number.
* **BCPZ:** Refers to the lead-free (RoHS compliant) LFCSP package.
* **R7:** Indicates the packaging format (7-inch Reel, typically containing 1,500 or 3,000 units).
---
- ⤷How does the Short-to-Battery protection mechanism work in this chip?
- ⤷ What are the advantages of using a 5th order filter over a lower order filter for video?
- ⤷ Can the ADA4433-1 be used for High Definition (HD) video signals?