ADA4433-1BCPZ-R2
AI

## ADA4433-1BCPZ-R2: Detailed Technical Overview
The **ADA4433-1BCPZ-R2** is a high-performance, single-channel video reconstruction filter produced by **Analog Devices**. It is specifically designed for high-definition (HD) video applications, particularly in automotive environments.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Type** | Video Filter / Buffer |
| **Configuration** | Single Channel |
| **Output Type** | Rail-to-Rail |
| **Supply Voltage (Single)** | 2.7 V to 3.6 V |
| **Bandwidth (-3 dB)** | 31 MHz |
| **Slew Rate** | 95 V/µs |
| **Package** | LFCSP-8 (3mm x 3mm) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Core Features
* **Integrated Low-Pass Filter:** Features a 5th-order Butterworth filter, which provides a flat frequency response in the passband and excellent rejection of out-of-band noise (aliasing).
* **Automotive Grade:** Qualified for AEC-Q100, making it suitable for rearview cameras and infotainment systems.
* **Short-to-Battery Protection:** This is a critical safety feature. It can withstand accidental connections to the car battery (up to 18V) on the output pins without damaging the internal circuitry.
* **Charge Pump Integration:** Includes an internal charge pump that allows the output to be DC-coupled without the need for large, expensive AC-coupling capacitors.
---
### 3. Application Use Cases
The ADA4433-1 is primarily used where video signals need to be cleaned of high-frequency noise before being displayed or transmitted.
1. **Automotive Vision Systems:** Rearview, side-view, and surround-view camera systems.
2. **Infotainment Units:** Processing signals for vehicle dashboard displays.
3. **Portable Video Devices:** Digital still cameras and camcorders requiring low power consumption.
4. **Set-Top Boxes:** Filtering SD and HD video outputs.
---
### 4. Typical Connection Diagram (Functional)
```mermaid
graph LR
A[Video DAC] --> B(ADA4433-1)
B --> C[Internal 5th Order LPF]
C --> D[Output Buffer]
D --> E[Video Monitor/Display]
subgraph Protection
D -.-> F[Short-to-Battery Protection]
end
```
---
### 5. Part Number Breakdown
* **ADA4433-1:** The base model/series number.
* **BCPZ:** Indicates the package type (LFCSP) and Lead-Free status.
* **R2:** Specifies the tape and reel size (usually a 250-piece reel for small-scale production/sampling).
- ⤷
What are the advantages of a 5th-order Butterworth filter in video applications?
- ⤷ How does the short-to-battery protection mechanism function in this IC?
- ⤷ Can this part be used for 4K video signals
- ⤷ or is it limited to HD?