công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ADA4096-2ACPZ-R7

  • AI
    The **ADA4096-2ACPZ-R7** is a high-precision, dual-channel operational amplifier (op-amp) manufactured by Analog Devices. It is specifically designed for applications requiring high robustness, low power consumption, and protection against overvoltage conditions. --- ### ## Technical Specifications The following table highlights the core electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual Op-Amp) | | **Supply Voltage (Single)** | 3V to 30V | | **Supply Voltage (Dual)** | ±1.5V to ±15V | | **Input Protection** | Up to 32V above/below rails | | **Quiescent Current** | 60 μA per amplifier | | **Gain Bandwidth Product** | 780 kHz | | **Input Offset Voltage** | 35 μV (typical) | | **Slew Rate** | 0.4 V/μs | | **Package Type** | LFCSP (Lead Frame Chip Scale Package) | --- ### ### Key Features 1. **Overvoltage Protection (OVP):** One of the standout features is its ability to handle input voltages significantly higher than the power supply rails (up to 32V beyond). This makes it ideal for industrial sensors where accidental miswiring or surges occur. 2. **Micropower Operation:** With only 60 μA of current per channel, it is highly efficient for battery-powered or portable instrumentation. 3. **Rail-to-Rail Input/Output (RRIO):** The device allows the signal to swing very close to both the positive and negative supply voltages, maximizing the dynamic range. 4. **High Precision:** Low offset voltage and low drift ensure high accuracy in DC measurement applications. --- ### ### Typical Applications * **Industrial Process Control:** Monitoring 4-20 mA loops or 0-10V signals. * **Battery Monitoring:** Low current draw extends the life of remote sensors. * **Sensor Interfaces:** Amplifying signals from thermocouples or bridge sensors. * **Medical Instrumentation:** High-precision data acquisition. --- ### ### Part Number Breakdown The suffix `ACPZ-R7` provides information about the physical packaging: * **AC:** Temperature range (-40°C to +125°C). * **CP:** LFCSP (Lead Frame Chip Scale Package). * **Z:** RoHS compliant (Lead-free). * **R7:** 7-inch reel (Tape and Reel packaging for automated assembly). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the ADA4096-2 and the ADA4096-4 version?
    • ⤷ How does the Overvoltage Protection mechanism work in this specific op-amp?
    • ⤷ What are the PCB layout recommendations for the LFCSP package to ensure thermal stability?