ADA4075-2ARZ-R7
AI

## ADA4075-2ARZ-R7: Technical Overview
The **ADA4075-2ARZ-R7** is a high-performance, dual-channel, ultralow noise amplifier manufactured by **Analog Devices**. It is specifically designed for high-fidelity audio applications and precision instrumentation where signal integrity is paramount.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Operational Amplifier (Op-Amp) |
| **Number of Channels** | 2 (Dual) |
| **Input Voltage Noise** | 2.8 nV/√Hz @ 1 kHz |
| **Gain Bandwidth Product** | 6.5 MHz |
| **Slew Rate** | 12 V/µs |
| **Supply Voltage Range** | ±4.5 V to ±18 V |
| **Total Harmonic Distortion** | 0.0002% (Typical) |
| **Package / Case** | 8-SOIC (Small Outline IC) |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Core Functional Parts & Internal Architecture
The internal design of the ADA4075-2 focuses on balancing low noise with high speed. Below are the critical electronic components of its architecture:
* **Bipolar Input Stage:** Unlike CMOS op-amps, the ADA4075-2 uses a bipolar (BJT) input structure. This is the primary reason for its **ultralow voltage noise density**.
* **Precision Trimming Circuits:** The chip includes internal resistors that are laser-trimmed during manufacturing to ensure low input offset voltage (typically 150 µV).
* **Output Driver Stage:** Designed for high linearity, the output stage can swing close to the rails (though it is not a "Rail-to-Rail" output) to maintain a high dynamic range.
* **Internal Compensation:** It includes internal capacitors to ensure stability at unity gain without needing external frequency compensation components.
---
### 3. Application Use Cases
Due to its low distortion and high precision, this part is commonly used in:
1. **Professional Audio:** Preamplifiers, mixing consoles, and high-end audio converters (DAC/ADC buffers).
2. **Precision Filters:** Active filters where phase accuracy and low noise are required.
3. **Sensor Interface:** Preamplification for low-impedance sensors like strain gauges or microphones.
---
### 4. Part Number Breakdown
Understanding the suffix `ARZ-R7` is critical for procurement and PCB design:
* **ADA4075-2:** The base model name (Dual channel).
* **A:** Performance grade.
* **R:** Temperature range (Industrial, -40°C to +125°C).
* **Z:** RoHS compliant (Lead-free).
* **R7:** Packaging format (7-inch Tape and Reel, typically containing 1,000 units).
- ⤷
What are the main differences between the ADA4075-2 and the industry-standard NE5532?
- ⤷ Can the ADA4075-2 be used with a single-supply power configuration?
- ⤷ What is the importance of the 2.8 nV/√Hz noise specification in audio circuit design?