AD9953_15
AI

The **AD9953** is a high-performance Direct Digital Synthesizer (DDS) manufactured by Analog Devices. It is designed to generate highly accurate, frequency-agile analog output waveforms. The specific suffix "15" usually refers to a specific package or speed grade (often associated with the 400 MSPS clock rate).
---
## 1. Core Technical Specifications
The AD9953 is part of the "AgileRF" family. Below are its primary technical parameters:
| Feature | Specification |
| :--- | :--- |
| **Max Sampling Rate** | 400 MSPS |
| **DAC Resolution** | 14-Bit |
| **Frequency Resolution** | 32-bit (Approx. 0.093 Hz at 400 MHz) |
| **Phase Resolution** | 14-bit |
| **Power Supply** | 1.8V (Core) and 3.3V (I/O) |
| **Interface** | Serial (SPI) up to 25 MHz |
| **Power Consumption** | ~175 mW at 400 MSPS |
---
## 2. Key Internal Components
The AD9953 integrates several critical electronic sections into a single CMOS chip:
### A. Digital Phase Accumulator
* **Function:** This is the heart of the DDS. It takes a Frequency Tuning Word (FTW) and adds it to the current phase value at every clock cycle.
* **Output:** A linear phase ramp that determines the frequency of the output signal.
### B. Phase-to-Amplitude Converter (SINE Lookup Table)
* Translates the phase information from the accumulator into digital amplitude values representing a sine wave.
### C. 14-Bit Digital-to-Analog Converter (DAC)
* Converts the digital sine values into a high-speed analog current output. The high resolution (14-bit) ensures a very low **Spurious-Free Dynamic Range (SFDR)**, typically >80 dB at 160 MHz.
### D. Integrated RAM
* The AD9953 features **1024 words of 32-bit RAM**.
* This allows the user to store custom waveforms or frequency/phase/amplitude profiles for rapid modulation without constant SPI interaction.
---
## 3. Pinout and Connection Types
The device is typically housed in a **48-lead TQFP_EP** (Thin Quad Flat Pack with Exposed Pad) for enhanced thermal dissipation.
* **REFCLK Inputs:** Can be driven by a crystal or an external oscillator. It includes an internal programmable **REFCLK Multiplier** (4x to 20x) to reach 400 MHz from lower frequency sources.
* **IOUT / IOUTB:** Complementary current outputs. These are usually connected to a center-tapped transformer or an operational amplifier to convert current to voltage.
* **LPF (Loop Filter):** Pins for the external capacitor/resistor network required by the internal PLL.
---
## 4. Typical Application Circuit
```c
/* Basic Logic Flow for AD9953 Initialization */
1. Reset Device (Master Reset).
2. Set CFR1/CFR2 Registers (Clock multiplier, DAC settings).
3. Load Frequency Tuning Word (FTW) into the Register.
4. Issue "IO_UPDATE" to apply changes to the DDS core.
```
---
## 5. Applications
* **Agile Local Oscillators:** For radio transceivers.
* **Radar and Scanning Systems:** Utilizing the RAM for fast frequency hopping.
* **Test and Measurement:** Generating precision signals for lab equipment.
* **Acousto-Optic Device Drivers.**
- ⤷
How does the AD9953 compare to the AD9854 in terms of power consumption?
- ⤷ What is the purpose of the 1024-word RAM in this specific DDS model?
- ⤷ What external filtering is recommended for the DAC output to reduce alias signals?