AI

## AD8659ARZ-R7: Technical Overview
The **AD8659ARZ-R7** is a high-precision, quad-channel operational amplifier (op-amp) manufactured by Analog Devices. It is designed for low-power applications requiring high accuracy and a small footprint.
### Core Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Number of Channels** | 4 (Quad) |
| **Supply Voltage (Single)** | 2.7V to 18V |
| **Supply Voltage (Dual)** | ±1.35V to ±9V |
| **Quiescent Current** | ~18 µA per amplifier |
| **Gain Bandwidth Product** | 200 kHz |
| **Offset Voltage (Max)** | 350 µV |
| **Input Bias Current** | 1 pA (Typical) |
| **Output Type** | Rail-to-Rail |
| **Package / Case** | 14-SOIC (Narrow body) |
---
### Key Features and Electronic Characteristics
1. **Micropower Consumption:**
With a current draw of only 18 µA per channel, this device is ideal for battery-operated devices and portable instrumentation where power budget is critical.
2. **Precision Performance:**
It features very low input offset voltage and extremely low input bias current (pA range). This makes it suitable for interfacing with high-impedance sensors, such as photodiodes or pH probes.
3. **Rail-to-Rail Output:**
The output can swing very close to the supply rails, maximizing the dynamic range of the signal, which is essential when working with low-voltage power supplies like 3.3V.
4. **Wide Supply Range:**
Unlike many micropower op-amps limited to 5V, the AD8659 can handle up to 18V, allowing it to be used in industrial 12V or 15V systems.
---
### Typical Applications
* **Portable Instrumentation:** Handheld meters and diagnostic tools.
* **Sensor Interfaces:** Signal conditioning for pressure, temperature, and chemical sensors.
* **Battery Monitoring:** Current sensing and voltage monitoring in power management systems.
* **Active Filters:** Low-frequency filtering in low-power audio or medical equipment.
---
### Part Number Breakdown
* **AD8659**: The base model number (Quad Micropower Precision Op-Amp).
* **ARZ**: Indicates the package type (R = SOIC_N) and RoHS compliance (Z).
* **R7**: Indicates the packaging format (7-inch Reel, typically containing 1,000 units).
- ⤷
How does the AD8659 compare to the dual-channel AD8657 version?
- ⤷ What are the advantages of using a rail-to-rail output in battery-powered designs?
- ⤷ Can you provide a basic schematic for a non-inverting amplifier using the AD8659?