AD8651ARMZ-R21
AI

## AD8651ARMZ-R2 1: Technical Overview
The **AD8651ARMZ-R2** is a high-precision, rail-to-rail, CMOS operational amplifier manufactured by **Analog Devices**. It is designed for applications requiring low noise and high speed while operating on low voltage supplies.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | CMOS, Precision Op-Amp |
| **Number of Channels** | 1 (Single) |
| **Gain Bandwidth Product** | 50 MHz |
| **Slew Rate** | 41 V/µs |
| **Supply Voltage Range** | 2.7 V to 5.5 V |
| **Input Offset Voltage** | 100 µV (Typical) |
| **Input Bias Current** | 1 pA |
| **Voltage Noise Density** | 5 nV/√Hz @ 10 kHz |
| **Package Type** | MSOP-8 (ARMZ suffix) |
| **Output Type** | Rail-to-Rail Output |
---
### 2. Core Features
* **High Speed vs. Low Power:** It offers a massive 50 MHz bandwidth while maintaining relatively low power consumption, making it ideal for portable high-speed instrumentation.
* **Low Noise:** With 5 nV/√Hz noise, it is suitable for sensor front-ends where signal integrity is critical.
* **DigiTrim® Technology:** Analog Devices uses a patented digital trimming technique at the wafer level to minimize offset voltage, eliminating the need for external trimming by the user.
* **Rail-to-Rail Output:** This allows the output signal to swing very close to the supply rails, maximizing dynamic range in 3.3V or 5V systems.
---
### 3. Pin Configuration (MSOP-8)
Standard single op-amp pinout for the MSOP-8 package:
```text
Pin 1: NC (No Connection)
Pin 2: -IN (Inverting Input)
Pin 3: +IN (Non-Inverting Input)
Pin 4: V- (Negative Supply)
Pin 5: NC (No Connection)
Pin 6: OUT (Output)
Pin 7: V+ (Positive Supply)
Pin 8: NC (No Connection)
```
---
### 4. Typical Applications
1. **Optical Networking:** Used in transimpedance amplifiers (TIA) for photodiode current-to-voltage conversion.
2. **ADC Drivers:** Acts as a buffer/driver for high-speed 12-bit to 16-bit Analog-to-Digital Converters.
3. **Medical Instrumentation:** High-impedance sensor interfaces (like ECG or pulse oximetry) due to low bias current.
4. **Audio Filters:** High-fidelity active filters where low distortion and low noise are required.
---
### 5. Part Number Breakdown
* **AD8651:** Base model number.
* **A:** Performance grade (Standard).
* **RMZ:** Package code for **MSOP** (Mini Small Outline Package), "Z" indicates RoHS compliance (Lead-free).
* **R2:** Packaging suffix, usually indicating a small reel size (250 units) or specific tape-and-reel orientation.
- ⤷
What is the difference between the AD8651 and the dual-channel AD8652?
- ⤷ How does the input bias current of CMOS op-amps compare to Bipolar types in sensor applications?
- ⤷ Can this op-amp be used with a single 3.3V power supply?