AD8628WAUJZ-R7
AI

The **AD8628WAUJZ-R7** is a high-precision, zero-drift operational amplifier (Op-Amp) manufactured by Analog Devices. It is specifically designed for applications requiring extreme accuracy and stability over time and temperature.
---
## 1. Core Technical Specifications
The AD8628 series is famous for its **Chopper-Stabilized** architecture, which virtually eliminates input offset voltage and drift.
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 1 (Single) |
| **Supply Voltage (Single)** | 2.7V to 5.0V |
| **Supply Voltage (Dual)** | ±1.35V to ±2.5V |
| **Offset Voltage (Max)** | 1 μV |
| **Offset Drift (Max)** | 0.005 μV/°C |
| **Gain Bandwidth Product** | 2.5 MHz |
| **Slew Rate** | 1 V/μs |
| **Rail-to-Rail** | Input and Output (RRIO) |
| **Automotive Qualified** | Yes (AEC-Q100) |
---
## 2. Key Features and Benefits
### A. Zero-Drift Technology
The internal "chopper" mechanism constantly self-corrects the input offset voltage. This makes it ideal for sensing very small DC signals (like those from a shunt resistor or thermocouple) where even a tiny error could ruin the measurement.
### B. No 1/f Noise (Flicker Noise)
Unlike standard CMOS Op-Amps, the AD8628 eliminates the low-frequency noise (1/f noise) that typically plagues precision circuits. This results in a very "clean" DC measurement.
### C. Automotive Grade (WAUJZ)
The "W" in the part number indicates it is **Automotive Grade**.
- **Temperature Range:** Operates from –40°C to +125°C.
- **Reliability:** Qualified for use in harsh automotive environments (powertrain, sensor interfaces).
---
## 3. Part Number Breakdown: AD8628WAUJZ-R7
| Segment | Meaning |
| :--- | :--- |
| **AD8628** | Base Model (Zero-Drift Op-Amp) |
| **W** | Automotive Grade (AEC-Q100 Qualified) |
| **AUJZ** | Package Code (TSOT-23 / Thin SOT-23, 5-lead) |
| **R7** | Packaging Style (7-inch Reel, typically 3,000 units) |
---
## 4. Typical Applications
* **Precision Current Sensing:** Used in battery management systems (BMS) for EVs.
* **Thermocouple/RTD Amplifiers:** For highly accurate temperature readings.
* **Medical Instrumentation:** Low-power, high-accuracy heart rate or pressure monitors.
* **Strain Gage Sensors:** Measuring physical stress or weight with minimal error.
---
- ⤷What is the difference between the AD8628 and the AD8629/AD8630?
- ⤷ What are the common layout considerations for zero-drift amplifiers?
- ⤷ How does 'chopper stabilization' affect high-frequency performance?