công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8627AKSZ-R2

  • AI
    The **AD8627AKSZ-R2** is a high-precision, low-noise operational amplifier (Op-Amp) manufactured by Analog Devices. It belongs to the AD862x family, known for utilizing JFET-input technology which provides extremely low input bias currents. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the AD8627AKSZ-R2: | Parameter | Specification | | :--- | :--- | | **Amplifier Type** | Precision JFET Input | | **Number of Channels** | 1 (Single) | | **Input Bias Current** | 1 pA (Typical) | | **Slew Rate** | 5 V/µs | | **Gain Bandwidth Product** | 5 MHz | | **Voltage Supply Range** | 5V to 26V (±2.5V to ±13V) | | **Package / Case** | SC-70-5 (SOT-353) | | **Output Type** | Rail-to-Rail | --- ### 2. Core Features * **Ultralow Input Bias Current:** Because it uses JFET technology, the input current is in the picoampere range, making it ideal for high-impedance sensors. * **Low Noise:** It offers low voltage and current noise, ensuring signal integrity in sensitive measurement circuits. * **Rail-to-Rail Output:** This allows the output signal to swing very close to the supply rails, maximizing the dynamic range. * **Low Offset Voltage:** Typically in the microvolt range, reducing the need for external calibration. --- ### 3. Application Areas The AD8627 is commonly used in professional and industrial electronics, specifically where high input impedance is required: 1. **Photodiode Pre-amplifiers:** Converting light-induced currents into measurable voltages. 2. **Medical Instrumentation:** High-impedance EKG/EEG monitoring leads. 3. **Precision Filters:** Active filters where high-value resistors are used. 4. **Level Shifting:** Interfacing high-voltage sensors with low-voltage ADCs. --- ### 4. Package Identification (AKSZ-R2) * **AKSZ:** Refers to the **SC-70** (5-lead) package, which is a very small surface-mount footprint (smaller than SOT-23). * **R2:** Indicates the reel size/packaging format (typically a 7-inch reel containing 250 or 3,000 units depending on the specific series suffix). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AD8627 and the AD8626?
    • ⤷ How does the JFET input affect the temperature stability of the AD8627?
    • ⤷ Can this Op-Amp be used in a single-supply 5V battery circuit?