AD8616ARMZ-R21
AI

The **AD8616ARMZ-R21** is a high-precision, dual-channel operational amplifier (Op-Amp) manufactured by Analog Devices. It is widely recognized for its "DigiTrim" technology, which offers excellent offset voltage trimming and low noise performance.
---
### 1. Key Technical Specifications
The following table highlights the critical electrical characteristics of the AD8616:
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 2 (Dual) |
| **Amplifier Type** | Rail-to-Rail Input/Output (RRIO) |
| **Gain Bandwidth Product** | 20 MHz |
| **Slew Rate** | 12 V/µs |
| **Voltage Supply (Single)** | 2.7 V to 5.5 V |
| **Input Offset Voltage** | 65 µV (Typical) |
| **Input Bias Current** | 1 pA (Typical) |
| **Package Type** | MSOP-8 (8-Lead Micro Small Outline Package) |
---
### 2. Core Features
* **Rail-to-Rail Performance:** Unlike standard Op-Amps, this device allows both input and output signals to swing very close to the power supply rails (V+ and V-), maximizing the dynamic range for low-voltage systems.
* **Low Noise & Distortion:** With a noise density of only **8 nV/√Hz**, it is ideal for high-fidelity audio and precision sensor amplification.
* **DigiTrim® Technology:** This is a patented process by Analog Devices used to trim the offset voltage at the wafer level, ensuring high accuracy without the need for external trimming circuits.
* **Low Input Bias Current:** The CMOS input stage results in extremely low bias currents (picoampere range), making it perfect for photodiode transimpedance amplifiers.
---
### 3. Pin Configuration (MSOP-8)
The AD8616ARMZ follows the standard dual Op-Amp pinout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUT A | Output of Amplifier A |
| 2 | -IN A | Inverting Input of Amplifier A |
| 3 | +IN A | Non-Inverting Input of Amplifier A |
| 4 | V- | Negative Power Supply / Ground |
| 5 | +IN B | Non-Inverting Input of Amplifier B |
| 6 | -IN B | Inverting Input of Amplifier B |
| 7 | OUT B | Output of Amplifier B |
| 8 | V+ | Positive Power Supply |
---
### 4. Typical Applications
* **Photodiode Amplification:** Due to low bias current.
* **Battery Powered Instrumentation:** Due to its low voltage operation and efficiency.
* **Audio Preamplifiers:** Utilizes low noise and low THD (Total Harmonic Distortion).
* **ADC Drivers:** Acts as a buffer/driver for Analog-to-Digital Converters to ensure signal integrity.
---
### 5. Part Number Breakdown
The suffix **-R2** indicates the packaging format:
* **AD8616:** Model Number.
* **ARMZ:** MSOP package (R) and Lead-free (Z).
* **R2:** Small Reel (typically 250 units) for prototype or low-volume production.
- ⤷What is the difference between the AD8616 and the single-channel AD8615?
- ⤷ How does DigiTrim technology specifically improve the performance of this Op-Amp?
- ⤷ Can this Op-Amp be used in a 12V system?