công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8564AN

  • AI
    ## Overview of the AD8564AN The **AD8564AN** is a high-speed, quad-channel comparator manufactured by Analog Devices. It is designed for low-power applications that require fast response times and operates on either single or dual power supplies. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Channels** | Quad (4 Independent Comparators) | | **Propagation Delay** | 7 ns (at 5V) | | **Supply Voltage (Single)** | +3.0 V to +10.0 V | | **Supply Voltage (Dual)** | ±1.5 V to ±5.0 V | | **Input Bias Current** | 2 μA (Max) | | **Output Type** | TTL/CMOS Compatible | | **Package Type** | 16-pin PDIP (Plastic Dual In-line Package) | --- ### 2. Pin Configuration (16-Pin PDIP) The AD8564AN follows a standard quad-comparator layout. Below is a simplified pin map: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 16 | OUT A, OUT D | Logic Outputs for Channels A and D | | 2, 15 | IN- A, IN- D | Inverting Inputs for Channels A and D | | 3, 14 | IN+ A, IN+ D | Non-Inverting Inputs for Channels A and D | | 4 | V+ | Positive Supply Voltage | | 5 | V- | Negative Supply Voltage (or GND for single supply) | | 6, 11 | IN+ B, IN+ C | Non-Inverting Inputs for Channels B and C | | 7, 10 | IN- B, IN- C | Inverting Inputs for Channels B and C | | 8, 9 | OUT B, OUT C | Logic Outputs for Channels B and C | | 12, 13 | Latch Enable | Pins to freeze the output state (if applicable to specific sub-variants) | --- ### 3. Core Functional Features * **High Speed:** With a 7 ns propagation delay, it is suitable for high-frequency signal processing and fast timing applications. * **Rail-to-Rail Inputs:** The input common-mode range includes the negative rail, allowing for flexible sensor interfacing. * **Independent Latch Function:** This allows the user to hold the output state based on a digital signal, which is useful in data acquisition systems to prevent noise from toggling the output during a clock cycle. * **Low Power Consumption:** Despite its speed, it consumes only about 3 mA per comparator. --- ### 4. Common Applications ```c // Example Use Case: Threshold Detection if (Sensor_Voltage > Reference_Voltage) { Output = HIGH; // AD8564 switches in ~7 nanoseconds } ``` * **Line Receivers:** Converting differential signals to CMOS/TTL levels. * **Zero-Crossing Detectors:** Identifying when a waveform crosses 0V with high precision. * **PWM Circuits:** Generating high-frequency Pulse Width Modulation signals. * **High-Speed Window Comparators:** Monitoring if a voltage stays within a specific range. --- ### 5. Design Considerations 1. **Bypassing:** Due to its high speed, use 0.1 μF ceramic capacitors close to the power supply pins to prevent oscillations. 2. **Termination:** Fast edges can cause signal reflection; ensure PCB traces are short and properly terminated. 3. **Hysteresis:** Since it is a high-speed device, adding a small amount of external positive feedback (hysteresis) is recommended to prevent output "chatter" when signals are slow-moving.
    ✨ Follow-up Questions
    • ⤷ How does the AD8564 compare to the LM339 in terms of speed?
    • ⤷ Can the AD8564 be used with a single 3.3V power supply?
    • ⤷ What is the purpose of the Latch Enable pin in high-speed circuits?