AD8515AKS-R2
AI

## Overview of AD8515AKS-R2
The **AD8515AKS-R2** is a high-performance, low-power operational amplifier manufactured by Analog Devices. It is specifically designed for applications requiring high precision in a compact footprint, particularly in battery-operated devices.
### Key Specifications
Below are the primary technical characteristics of the AD8515AKS-R2:
| Parameter | Specification |
| :--- | :--- |
| **Op-Amp Type** | CMOS, Rail-to-Rail Input/Output |
| **Number of Channels** | 1 (Single) |
| **Supply Voltage (Single)** | 1.8V to 5.0V |
| **Gain Bandwidth Product** | 5 MHz |
| **Slew Rate** | 2.7 V/µs |
| **Offset Voltage** | 1 mV (typical) |
| **Supply Current** | 350 µA per channel |
| **Package / Case** | SC-70-5 (5-pin) |
---
### Core Features
1. **Rail-to-Rail Capability:** Both the input and output can swing across the entire supply voltage range. This is critical for low-voltage systems (like 1.8V) where maximizing the signal dynamic range is necessary.
2. **Low Power Consumption:** With a typical current draw of only 350 µA, it is ideal for portable electronics where battery life is a priority.
3. **Wide Bandwidth:** Despite its low power consumption, it offers a 5 MHz bandwidth, making it suitable for audio and sensor signal conditioning.
4. **Small Form Factor:** The SC-70 package is significantly smaller than standard SOT-23 packages, saving valuable PCB real estate.
### Typical Applications
* **Portable Communication:** Mobile phones and wireless handsets.
* **Sensor Interface:** Signal conditioning for pressure, temperature, and light sensors.
* **Battery Powered Devices:** Medical instrumentation and handheld meters.
* **Active Filters:** Low-pass or high-pass filtering in space-constrained designs.
---
### Pin Configuration (SC-70-5)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUT | Amplifier Output |
| 2 | V- | Negative Supply or Ground |
| 3 | +IN | Non-inverting Input |
| 4 | -IN | Inverting Input |
| 5 | V+ | Positive Supply |
---
### Comparison with Similar Models
| Model | Supply Voltage | Bandwidth | Current Draw |
| :--- | :--- | :--- | :--- |
| **AD8515** | 1.8V - 5V | 5 MHz | 350 µA |
| **AD8541** | 2.7V - 5V | 1 MHz | 45 µA |
| **AD8601** | 2.7V - 5V | 8 MHz | 700 µA |
- ⤷How does the AD8515 handle input noise in high-precision circuits?
- ⤷ What are the recommended decoupling capacitor values for the SC-70-5 package?
- ⤷ Can the AD8515 be used in a dual-supply configuration?