AD8476BCPZ-R7
AI

## Technical Overview: AD8476BCPZ-R7
The **AD8476BCPZ-R7** is a very low-power, fully differential precision amplifier with integrated laser-trimmed resistors. It is primarily designed to act as a precision ADC (Analog-to-Digital Converter) driver.
---
### 1. Key Specifications
The following table highlights the critical electronic parameters of the component:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Fully Differential Amplifier |
| **Gain** | Configured for G=1 (Single-ended to Differential) |
| **Quiescent Current** | 330 $\mu$A (Typical) |
| **Input Voltage Range** | Rail-to-Rail |
| **Supply Voltage** | 3.0 V to 18 V |
| **Bandwidth (-3 dB)** | 5 MHz |
| **Slew Rate** | 10 V/$\mu$s |
| **Package** | 16-Lead LFCSP (3mm x 3mm) |
---
### 2. Core Functional Blocks
The AD8476 is integrated with several internal components that simplify circuit design:
1. **Laser-Trimmed Resistors:** It includes matched internal resistors that set a fixed gain of 1. This eliminates the need for expensive external precision resistors and ensures high Common-Mode Rejection Ratio (CMRR).
2. **Differential Output Stage:** It converts single-ended input signals into differential outputs, which are essential for driving modern high-resolution SAR or Sigma-Delta ADCs.
3. **VOCM Pin (Output Common-Mode Control):** This allows the user to set the output common-mode voltage independently of the input signal, typically by connecting it to the ADC's reference voltage.
---
### 3. Application Use-Cases
In an electronic system, this part is typically used for:
* **Single-Ended to Differential Conversion:** Converting standard signals (like a sensor output) into a differential signal for an ADC.
* **Signal Level Shifting:** Modifying the common-mode voltage to match the input requirements of a low-voltage processor or ADC.
* **Battery Powered Instrumentation:** Due to its low power consumption (330 $\mu$A), it is ideal for portable measurement devices.
---
### 4. Typical Connection Diagram (Schema Logic)
Below is a logical representation of how the pins are utilized:
```text
Input Signal (Vin) ----> [ +IN ] [ +OUT ] ----> ADC (+)
Ground / Ref ----------> [ -IN ] AD8476 [ -OUT ] ----> ADC (-)
ADC Vref/2 ------------> [VOCM ] [ Vs ] ----> +3.3V/5V
```
### 5. Ordering Information Meaning
* **AD8476**: The base part number.
* **B**: Performance/Grade Level (B-grade).
* **CP**: Component Package (LFCSP).
* **Z**: RoHS Compliant (Lead-free).
* **R7**: 7-inch Tape and Reel (usually 1,500 pieces per reel).
- ⤷
How does the VOCM pin help in interfacing with an ADC?
- ⤷ What is the advantage of using integrated resistors over external resistors for this part?
- ⤷ Can the AD8476 be used with a dual supply (+/- 5V)?