công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • AD8426BCPZ-R7

  • AI
    ## Technical Overview: AD8426BCPZ-R7 The **AD8426BCPZ-R7** is a high-performance, dual-channel instrumentation amplifier manufactured by **Analog Devices**. It is designed to extract small differential signals in the presence of large common-mode voltages, making it ideal for precision data acquisition. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Number of Channels** | 2 (Dual) | | **Gain Range** | 1 to 1000 (Set by a single resistor per channel) | | **Supply Voltage Range** | Single: 2.2V to 36V | Dual: ±1.1V to ±18V | | **Quiescent Current** | 350 µA per amplifier (maximum) | | **CMRR** | 94 dB (Minimum, G=10) | | **Input Bias Current** | 20 nA (Maximum) | | **Package Type** | LFCSP-16 (Lead Frame Chip Scale Package) | --- ### 2. Functional Description The AD8426 is based on a classic **3-op-amp instrumentation amplifier architecture**. It provides several critical electronic advantages: * **Differential Amplification:** It calculates the difference between two input voltages and multiplies it by a specific gain, rejecting any noise common to both inputs (Common Mode Rejection). * **Programmable Gain:** The gain ($G$) is determined by an external resistor ($R_G$) according to the formula: $$G = 1 + \frac{49.4\text{ k}\Omega}{R_G}$$ * **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range for ADC (Analog-to-Digital Converter) interfacing. * **Low Power Consumption:** With only 350 µA per channel, it is highly suitable for battery-powered industrial sensors. --- ### 3. Pinout and Internal Logic The LFCSP-16 package is a space-saving 4mm x 4mm footprint. The two amplifiers are independent, sharing only the power supply pins. | Pin Group | Function | | :--- | :--- | | **+IN / -IN** | Non-inverting and Inverting differential inputs. | | **RG** | Terminals for the gain-setting resistor. | | **REF** | Reference pin; used to offset the output voltage level. | | **OUT** | Amplified signal output. | | **Vs+ / Vs-** | Positive and Negative power supply pins. | --- ### 4. Common Applications * **Industrial Process Control:** Bridge amplifiers for pressure and temperature sensors. * **Medical Instrumentation:** ECG and patient monitoring where low noise is critical. * **Data Acquisition:** Multi-channel systems requiring high-density PCB layouts. * **Precision Voltage-to-Current Converters.**
    ✨ Follow-up Questions
    • How do I calculate the specific resistor value for a gain of 100?
    • What are the advantages of the LFCSP-16 package over traditional SOIC packages?
    • Can the AD8426 be used with a single 5V power supply?