AD8422ACPZ-R7
AI

### Technical Overview: AD8422ACPZ-R7
The **AD8422ACPZ-R7** is a high-precision, low-power, 3-op-amp instrumentation amplifier manufactured by **Analog Devices**. It is designed to extract small differential signals in the presence of large common-mode noise.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Architecture** | 3-Op-Amp Instrumentation Amplifier |
| **Gain Range** | 1 to 1000 (Set by a single external resistor $R_G$) |
| **Supply Voltage** | Dual: ±2.3V to ±18V | Single: 4.6V to 36V |
| **Quiescent Current** | 330 µA (Max) |
| **Input Offset Voltage** | 60 µV (Max) |
| **Common-Mode Rejection Ratio (CMRR)** | 94 dB (Minimum, G=1) |
| **Bandwidth** | 2.2 MHz (G=1) |
| **Package Type** | 16-Lead LFCSP (Lead Frame Chip Scale Package) |
---
### 2. Core Functional Components
The internal electronic structure consists of three main stages that define its performance:
#### A. Input Stage (Pre-Amplifier)
The device uses a high-impedance input stage consisting of two operational amplifiers.
* **High Input Impedance:** Minimizes loading effects on sensitive sensors.
* **EMI Filtering:** The AD8422 includes internal RFI (Radio Frequency Interference) filters to prevent high-frequency noise from rectifying as DC errors.
#### B. Gain Setting ($R_G$)
The gain is determined by a single external resistor connected between pins 1 and 8. The formula for the gain $G$ is:
$$G = 1 + \frac{19.8 \text{ k}\Omega}{R_G}$$
#### C. Output Stage (Difference Amplifier)
The third op-amp functions as a subtractor, removing the common-mode voltage and providing the amplified differential signal. It includes a **Reference Pin (REF)** which allows the output to be offset to a specific voltage (e.g., mid-supply).
---
### 3. Electronic Performance Features
* **Low Power Consumption:** At only 330 µA maximum supply current, it is ideal for battery-powered industrial and medical devices.
* **Precision Performance:** It features very low input bias current (typically 0.5 nA) and low offset drift ($0.3 \mu V/^\circ C$), ensuring accuracy over temperature changes.
* **Robustness:** The inputs are protected against Overvoltage (ESD) and can withstand voltages beyond the power supply rails (up to 40V from the opposite rail).
---
### 4. Typical Applications
The AD8422 is commonly used in circuits requiring high precision and low power:
1. **Medical Instrumentation:** ECG and non-invasive blood pressure monitors.
2. **Industrial Process Control:** Bridge amplifiers for strain gauges and pressure sensors.
3. **Data Acquisition:** Interfacing low-voltage sensors to high-resolution ADCs.
---
- ⤷
How does the AD8422 compare to the older AD8221 in terms of power and noise?
- ⤷ What is the recommended layout procedure for the LFCSP package to minimize thermal drift?
- ⤷ Can the AD8422 be used in a single-supply 5V system?